Electronic Components Datasheet Search
  English  ▼

X  

KTC2000YA4 Datasheet(PDF) 2 Page - Schneider Electric

Part # KTC2000YA4
Description  Canalis KT Additional run components
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

KTC2000YA4 Datasheet(HTML) 2 Page - Schneider Electric

  KTC2000YA4 Datasheet HTML 1Page - Schneider Electric KTC2000YA4 Datasheet HTML 2Page - Schneider Electric KTC2000YA4 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Number of Units in Package 1
1
Package 1 Height
16.400 cm
Package 1 Width
14.000 cm
Package 1 Length
40.000 cm
Package 1 Weight
6.600 kg
Unit Type of Package 2
PAL
Number of Units in Package 2
4
Package 2 Height
100.000 cm
Package 2 Width
120.000 cm
Package 2 Length
60.000 cm
Package 2 Weight
100.000 kg
계약 보증
보증
18 개월
2
2025. 7. 29.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com