Electronic Components Datasheet Search
  English  ▼

X  

AM80912-030 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AM80912-030
Description  AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM80912-030 Datasheet(HTML) 1 Page - STMicroelectronics

  AM80912-030 Datasheet HTML 1Page - STMicroelectronics AM80912-030 Datasheet HTML 2Page - STMicroelectronics AM80912-030 Datasheet HTML 3Page - STMicroelectronics AM80912-030 Datasheet HTML 4Page - STMicroelectronics AM80912-030 Datasheet HTML 5Page - STMicroelectronics AM80912-030 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
August 1992
SPECIALITY AVIONICS/JTIDS APPLICATIONS
RF & MICROWAVE TRANSISTORS
.400 x .400 2LFL (S036)
hermetically sealed
.
REFRACTORY/GOLD METALLIZATION
.
EMITTER SITE BALLASTED
.
15:1 VSWR CAPABILITY
.
LOW RF THERMAL RESISTANCE
.
INPUT/OUTPUT MATCHING
.
OVERLAY GEOMETRY
.
METAL/CERAMIC HERMETIC PACKAGE
.
POUT
= 30 W MIN. WITH 7.8 dB GAIN
DESCRIPTION
The AM80912-030 device is a high power Class C
transistor specifically designed for JTIDS pulsed out-
put and driver applications.
This device is capable of operation over a wide range
of pulse widths, duty cycles and temperatures and is
capable of withstanding 15:1 output VSWR at rated
RF conditions.
Low RF thermal resistance and computerized auto-
matic wire bonding techniques ensure high reliability
and product consistency.
The AM80912-030 is supplied in the hermetic met-
al/ceramic package with internal input matching
structures.
PIN CONNECTION
BRANDING
80912-30
ORDER CODE
AM80912-030
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
RTH(j-c)
Junction-Case Thermal Resistance
2.2
°C/W
*Applies only to rated RF amplifier operation.
AM80912-030
1. Collector
3. Emitter
2. Base
4. Base
THERMAL DATA
Symbol
Parameter
Value
Uni t
PDISS
Power Dissipation*
(TC
≤ 85°C)
75
W
IC
Collector Current*
3.5
A
VCC
Collector-Supply Voltage*
40
V
TJ
Junction Temperature (Pulsed RF Operation)
250
°C
TSTG
Storage Temperature
− 65 to +200
°C
1/6


Similar Part No. - AM80912-030

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM80912-005 STMICROELECTRONICS-AM80912-005 Datasheet
58Kb / 4P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
logo
Advanced Semiconductor
AM80912-015 ASI-AM80912-015 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
STMicroelectronics
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
More results

Similar Description - AM80912-030

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com