Electronic Components Datasheet Search
  English  ▼

X  

KB151 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # KB151
Description  CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

KB151 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  KB151 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. KB151 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KB151 THRU KB157
Features
Mechanical Data
· Glass Passivated Die Construction
· Diffused Junction
· Low Forward Voltage Drop, High Current Capability
· Surge Overload Rating to 50A Peak
· Ideal for Printed Circuit Boards
· Case to Terminal Isolation Voltage 1500V
· Plastic Material - UL Flammability
Classification Rating 94V-0
Maximum Ratings And Electrical Characteristics
· Case : WOB, Molded Plastic
· Terminals : Plated Leads Solderable per
MIL-STD-202, Method 208
· Polarity : As Marked on Body
· Weight : 1.3 grams (approx.)
· Mounting Position : Any
· Marking : Type Number
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
CURRENT 1.5 Amperes
VOLTAGE 50 to 1000 Volts
WOB
Dim
Min
Max
A
8.84
9.86
B
4.00
4.60
C
27.90
D
25.40
E
0.71
0.81
G
4.60
5.60
A ll Dimens ions in mm
Notes:
(1) Measured at 1.0MHz and Applied Reverse Voltage of 4.0V DC.
(2) Thermal Resistance from junction to case mounted on PC board with 13 x 13mm (0.03mm thick) land areas.
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
RMS Reverse Voltage
Average Rectified Output Current
@ TA=25
Non-Repetitive Peak Forward Surge Current,
8.3ms single half-sine-wave superimposed
on rated load (JEDEC method)
Volts
Forward Voltage (per element)
@ IF=1.5 A
VRMM
VRWM
VR
50
Volts
Symbols
Units
1.0
VFM
VRMS
1.5
Amps
50
IFSM
Tj
TSTG
500
-65 to +150
℃
Amps
Peak Reverse Current at Rated
DC Blocking Voltage
Typical Junction Capacitance (Note 1)
Operating and Storage Temperature Range
KB151 KB152 KB153 KB154 KB155 KB156 KB157
35
5.0
12
100
70
200
140
400
280
600
420
800
560
1000
700
Volts
μA
℃/W
pF
Io
IRM
Cj
RθJA
@ TA=25℃
@ TA=100℃
Typical Thermal Resistance,
Junction to Case (Note 2)
84
℃
A
B
D
E
G
G
C
+
-
+
-


Similar Part No. - KB151

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KB15 NKK-KB15 Datasheet
724Kb / 13P
Miniature Pushbuttons
logo
Guangdong Kexin Industr...
KB156 KEXIN-KB156 Datasheet
35Kb / 1P
Low-Voltage Variable Capacitance Diode
logo
Nihon Kaiheiki Industry...
KB15CKG01 NKK-KB15CKG01 Datasheet
400Kb / 10P
Miniature Pushbuttons
KB15CKG01-05-CB NKK-KB15CKG01-05-CB Datasheet
724Kb / 13P
Miniature Pushbuttons
KB15CKG01-05-JC NKK-KB15CKG01-05-JC Datasheet
724Kb / 13P
Miniature Pushbuttons
More results

Similar Description - KB151

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
FR151 DAESAN-FR151 Datasheet
216Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
FR151G DAESAN-FR151G Datasheet
315Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
HER15X DAESAN-HER15X Datasheet
285Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
HER151G DAESAN-HER151G Datasheet
284Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
RL151 DAESAN-RL151 Datasheet
309Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
RL151G DAESAN-RL151G Datasheet
316Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
W005M DAESAN-W005M Datasheet
206Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
logo
WILLAS ELECTRONIC CORP
RB15 WILLAS-RB15 Datasheet
275Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes
logo
DAESAN ELECTRONIC CORP.
1N53 DAESAN-1N53 Datasheet
316Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
logo
PACELEADER INDUSTRIAL
FR151 PACELEADER-FR151 Datasheet
609Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com