Electronic Components Datasheet Search
  English  ▼

X  

CDC3RL02 Datasheet(PDF) 7 Page - Texas Instruments

Part # CDC3RL02
Description  CDC3RL02 Low Phase-Noise Two-Channel Clock Fan-Out Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC3RL02 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDC3RL02 Datasheet HTML 3Page - Texas Instruments CDC3RL02 Datasheet HTML 4Page - Texas Instruments CDC3RL02 Datasheet HTML 5Page - Texas Instruments CDC3RL02 Datasheet HTML 6Page - Texas Instruments CDC3RL02 Datasheet HTML 7Page - Texas Instruments CDC3RL02 Datasheet HTML 8Page - Texas Instruments CDC3RL02 Datasheet HTML 9Page - Texas Instruments CDC3RL02 Datasheet HTML 10Page - Texas Instruments CDC3RL02 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
6.6 Typical Characteristics
-170
-160
-150
-140
-130
-120
-110
-100
-90
1.E+01 1.E+02 1.E+03 1.E+04 1.E+05 1.E+06 1.E+07
Offset Frequency (Hz)
Sine Wave 1.8 Vpp 1 µF
Sine Wave 0.8 Vpp 1 µF
Square Wave 1.8 V 1 µF
V
= 3.3V
BATT
C
= 1µF
VLDO
C
= 0.1µF
BATT
C
= 30pF
OUT
1.8V 1µF
0.8Vpp 1µF
1.8Vpp 1µF
Figure 6-1. Additive Phase Noise vs Offset
Frequency
3.38
3.39
3.40
3.41
3.42
3.43
3.44
3.45
3.46
3.47
3.48
3.49
3.50
3.51
3.52
3.53
3.54
0.3
0.6
0.9
1.2
1.5
1.8
Input Amplitude (Vpp)
TA = 85°C
TA = 25°C
TA = -40°C
V
= 3.3V
BATT
C
= 1µF
VLDO
C
= 0.1µF
BATT
C
= 30pF
OUT
Figure 6-2. Supply Current vs Input Amplitude
Frequency (MHz)
10
20
30
40
50
60
70
80
90
100
1
2
3
4
5
6
7
8
9
10
11
12
13
VBATT = 3.3V
CVLDO = 1uF
CBATT = 0.1uF
COUT = 30uF
TA = -40oC
TA = 25oC
TA = 85oC
Figure 6-3. Supply Current vs Input Frequency
3.36
3.37
3.38
3.39
3.40
3.41
3.42
3.43
3.44
3.45
3.46
3.47
3.48
3.49
3.50
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VBATT(V)
TA = 85°C
TA = 25°C
TA = -40°C
V
= 3.3V
BATT
C
= 1µF
VLDO
C
= 0.1µF
BATT
C
= 30pF
OUT
Figure 6-4. Supply Current vs Supply Voltage
0
20
40
60
80
100
120
140
160
180
200
-40
-15
10
35
60
85
Temperature (°C)
5.5 V
3.3 V
2.3 V
V
= 3.3V
BATT
C
= 1µF
VLDO
C
= 0.1µF
BATT
C
= 30pF
OUT
3.3V
5.5V
2.3V
Figure 6-5. Standby Current vs Temperature
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
Frequency (Hz)
V
= 3.3V
BATT
C
= 1µF
VLDO
C
= 0.1µF
BATT
C
= 30pF
OUT
Figure 6-6. Power Supply Rejection vs Input
Frequency
www.ti.com
CDC3RL02
SCHS371H – NOVEMBER 2009 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: CDC3RL02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com