Electronic Components Datasheet Search
  English  ▼

X  

CDCLVP1102 Datasheet(PDF) 1 Page - Texas Instruments

Part # CDCLVP1102
Description  CDCLVP1102 Two-LVPECL Output, High-Performance Clock Buffer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVP1102 Datasheet(HTML) 1 Page - Texas Instruments

  CDCLVP1102 Datasheet HTML 1Page - Texas Instruments CDCLVP1102 Datasheet HTML 2Page - Texas Instruments CDCLVP1102 Datasheet HTML 3Page - Texas Instruments CDCLVP1102 Datasheet HTML 4Page - Texas Instruments CDCLVP1102 Datasheet HTML 5Page - Texas Instruments CDCLVP1102 Datasheet HTML 6Page - Texas Instruments CDCLVP1102 Datasheet HTML 7Page - Texas Instruments CDCLVP1102 Datasheet HTML 8Page - Texas Instruments CDCLVP1102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Reference
Generator
GND
LVPECL
2
2
OUTP[1,0]
OUTN[1,0]
V
CC
V
AC_REF
INP
INN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CDCLVP1102
SCAS884D – AUGUST 2009 – REVISED DECEMBER 2015
CDCLVP1102 Two-LVPECL Output,
High-Performance Clock Buffer
1 Features
3 Description
The CDCLVP1102 is a highly versatile, low additive
1
•
1:2 Differential Buffer
jitter buffer that can generate two copies of LVPECL
•
Single Clock Input
clock outputs from one LVPECL, LVDS, or LVCMOS
•
Universal Inputs Can Accept LVPECL, LVDS,
input for a variety of communication applications. It
LVCMOS/LVTTL
has a maximum clock frequency up to 2 GHz. The
overall additive jitter performance is less than 0.1 ps,
•
Two LVPECL Outputs
RMS from 10 kHz to 20 MHz, and overall output
•
Maximum Clock Frequency: 2 GHz
skew is as low as 10 ps, making the device a perfect
•
Maximum Core Current Consumption: 33 mA
choice for use in demanding applications.
•
Very Low Additive Jitter: <100 fs, RMS in 10-kHz
The CDCLVP1102 clock buffer distributes a single
to 20-MHz Offset Range
clock input (IN) to two pairs of differential LVPECL
•
2.375-V to 3.6-V Device Power Supply
clock outputs (OUT0, OUT1) with minimum skew for
clock distribution. The inputs can be LVPECL, LVDS,
•
Maximum Propagation Delay: 450 ps
or LVCMOS/LVTTL.
•
Maximum Output Skew: 10 ps
The CDCLVP1102 is specifically designed for driving
•
LVPECL Reference Voltage, VAC_REF, Available
50-
Ω transmission lines. When driving the inputs in
for Capacitive-Coupled Inputs
single-ended
mode,
the
LVPECL
bias
voltage
•
Industrial Temperature Range: –40°C to 85°C
(VAC_REF) should be applied to the unused negative
•
Supports 105°C PCB Temperature (Measured at
input pin. However, for high-speed performance up to
2 GHz, differential mode is strongly recommended.
Thermal Pad)
•
Available in 3-mm × 3-mm QFN-16 (RGT)
The CDCLVP1102 is characterized for operation from
Package
–40°C to 85°C and is available in a QFN-16, 3-mm ×
3-mm package.
•
ESD Protection Exceeds 2 kV (HBM)
Device Information(1)
2 Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Wireless Communications
CDCLVP1102
QFN (16)
3.00 mm × 3.00 mm
•
Telecommunications/Networking
(1) For all available packages, see the orderable addendum at
•
Medical Imaging
the end of the data sheet.
•
Test and Measurement Equipment
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CDCLVP1102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1102 TI2-CDCLVP1102 Datasheet
854Kb / 31P
CDCLVP1102 Two-LVPECL Output, High-Performance Clock Buffer
REVISED DECEMBER 2015
CDCLVP1102RGTR TI1-CDCLVP1102RGTR Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1102RGTR TI1-CDCLVP1102RGTR Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1102RGTR TI2-CDCLVP1102RGTR Datasheet
854Kb / 31P
CDCLVP1102 Two-LVPECL Output, High-Performance Clock Buffer
REVISED DECEMBER 2015
More results

Similar Description - CDCLVP1102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
12 LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108 Datasheet
778Kb / 24P
16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI-CDCLVP1204RGTT Datasheet
730Kb / 22P
Four LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
Eight-LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
16-LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com