Electronic Components Datasheet Search
  English  ▼

X  

CSD86336Q3D Datasheet(PDF) 4 Page - Texas Instruments

Part # CSD86336Q3D
Description  CSD86336Q3D Synchronous Buck NexFET™ Power Block
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD86336Q3D Datasheet(HTML) 4 Page - Texas Instruments

  CSD86336Q3D Datasheet HTML 1Page - Texas Instruments CSD86336Q3D Datasheet HTML 2Page - Texas Instruments CSD86336Q3D Datasheet HTML 3Page - Texas Instruments CSD86336Q3D Datasheet HTML 4Page - Texas Instruments CSD86336Q3D Datasheet HTML 5Page - Texas Instruments CSD86336Q3D Datasheet HTML 6Page - Texas Instruments CSD86336Q3D Datasheet HTML 7Page - Texas Instruments CSD86336Q3D Datasheet HTML 8Page - Texas Instruments CSD86336Q3D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
CSD86336Q3D
SLPS666 – MARCH 2018
www.ti.com
Product Folder Links: CSD86336Q3D
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5.5 Electrical Characteristics – Q1 Control FET
Tj = 25 °C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-source voltage
VGS = 0 V, IDS = 250 µA
25
V
IDSS
Drain-to-source leakage current
VGS = 0 V, VDS = 20 V
1
µA
IGSS
Gate-to-source leakage current
VDS = 0 V, VGS = +10 / –8 V
100
nA
VGS(th)
Gate-to-source threshold voltage
VDS = VGS, IDS = 250 µA
1.1
1.5
1.9
V
ZDS(on)
Effective AC on-impedance
VIN = 12 V, VGS = 5 V, VOUT = 1.3 V,
IOUT = 20 A, ƒSW = 500 kHz,
LOUT = 950 nH
9.1
mΩ
gfs
Transconductance
VDS = 2.5 V, IDS = 14 A
40
S
DYNAMIC CHARACTERISTICS
CISS
Input capacitance
VGS = 0 V, VDS = 12.5 V, ƒ = 1 Mhz
380
494
pF
COSS
Output capacitance
263
342
pF
CRSS
Reverse transfer capacitance
14.1
18.3
pF
RG
Series gate resistance
4.0
8.0
Ω
Qg
Gate charge total (4.5 V)
VDS = 12.5 V, IDS = 14 A
2.9
3.8
nC
Qgd
Gate charge – gate-to-drain
0.6
nC
Qgs
Gate charge – gate-to-source
1.4
nC
Qg(th)
Gate charge at Vth
0.6
nC
QOSS
Output charge
VDS = 12.5 V, VGS = 0 V
5.4
nC
td(on)
Turn on delay time
VDS = 12.5 V, VGS = 4.5 V, IDS = 14 A,
RG = 0 Ω
5
ns
tr
Rise time
10
ns
td(off)
Turn off delay time
7
ns
tf
Fall time
2
ns
DIODE CHARACTERISTICS
VSD
Diode forward voltage
IDS = 14 A, VGS = 0 V
0.86
1.0
V
Qrr
Reverse recovery charge
VDS = 12.5 V, IF = 14 A, di/dt = 300 A/µs
14.7
nC
trr
Reverse recovery time
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com