Electronic Components Datasheet Search
  English  ▼

X  

AM80912-085 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AM80912-085
Description  AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM80912-085 Datasheet(HTML) 4 Page - STMicroelectronics

  AM80912-085 Datasheet HTML 1Page - STMicroelectronics AM80912-085 Datasheet HTML 2Page - STMicroelectronics AM80912-085 Datasheet HTML 3Page - STMicroelectronics AM80912-085 Datasheet HTML 4Page - STMicroelectronics AM80912-085 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PACKAGE MECHANICAL DATA
All dimensions are in inches.
Substrate material: .025 thick AI2O3 (Er
= 9.6)
C1
: 0.3—3.5 pF Variable Johanson Capacitor or Equiv.
C2
: 0.3—3.5 pF Variable Johanson Capacitor or Equiv.
C3
: 100 pF Chip Capacitor
C4
: 1500 pF Erie RF Feedthrough, or Equiv.
C5
: 100 MF, Electrolytic Capacitor, 50V
C6
: 1500 pF Erie RF Feedthrough, or Equiv.
L1
: No. 32 Wire, 4 Turns 1/16” I.D.
L2
: No. 32 Wire, 4 Turns 1/16” I.D.
Ref. Dwg. No. J-313119
.080
TEST CIRCUIT
AM80912-085
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com