Electronic Components Datasheet Search
  English  ▼

X  

PM3GC Datasheet(PDF) 4 Page - Bivar, Inc.

Part # PM3GC
Description  STD PANEL MOUNT INDICATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

PM3GC Datasheet(HTML) 4 Page - Bivar, Inc.

  PM3GC Datasheet HTML 1Page - Bivar, Inc. PM3GC Datasheet HTML 2Page - Bivar, Inc. PM3GC Datasheet HTML 3Page - Bivar, Inc. PM3GC Datasheet HTML 4Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Material
Peak
Wave
Length
Emitted Color
Pd
If
Peak
Iv
(mcd)
λp(nm)
(mW)
(mA)
If(mA)
TYP
MAX
TYP
PM3BWDL
GaN/siC
430
BLUE
DIFFUSED
20
7
-
3.8
4.2
2.5
40
3BWDL-S
PM3GDL
GaP/GaP
568
GREEN
DIFFUSED
10
7
-
2.1
2.6
2.0
40
3GDL-S
PM3PGDL
GaP/GaP
555
PURE GREEN
DIFFUSED
10
7
-
2.1
2.6
0.2
40
3PGDL-S
PM3YDL
GaAsP/GaP
590
YELLOW
DIFFUSED
10
7
-
2.0
2.6
2.0
40
3YDL-S
PM3ADL
GaAsP/GaP
605
AMBER
DIFFUSED
10
7
-
2.0
2.6
4.0
40
3ADL-S
PM3HDL
GaAsP/GaP
625
HE RED
DIFFUSED
10
7
-
2.0
2.6
2.5
40
3HDL-S
PM3RDL
GaP/GaP
700
RED
DIFFUSED
10
7
-
2.1
2.6
0.5
40
3RDL-S
PM3SRDL
GaAIAs/GaAs
645
RED
DIFFUSED
10
7
-
2.0
-
8.0
40
3SRDL-S
LED P/N
Vf
(V)
LED Assy.
No.
Chip
Lens
Appearance
Absolute Max. Ratings
Electro-Optical Data @ 2mA
Viewing
Angle
2
½
(Deg)
lf
(mA)
lv
(mcd)
MAX
TYP
MAX
TYP
PM3BWD5V
430
BLUE
DIFFUSED
‐‐
510
35
3BWD5V‐S
PM3GC5V
568
GREEN
WATER  CLEAR
‐‐
540
20
3GC5V‐S
PM3GD5V
568
GREEN
DIFFUSED
‐‐
525
35
3GD5V‐S
PM3GT5V
568
GREEN
TINTED
‐‐
540
20
3GT5V‐S
PM3AD5V
605
AMBER
DIFFUSED
‐‐
525
35
3AD5V‐S
PM3HD5V
625
HE RED
DIFFUSED
‐‐
530
35
3HD5V‐S
PM3RD5V
700
RED
DIFFUSED
‐‐
5
2
35
3RD5V‐S
PM3YD5V
590
YELLOW
DIFFUSED
‐‐
520
35
3YD5V‐S
PM3GC12V
568
GREEN
WATER  CLEAR
‐‐
12
40
20
3GC12V‐S
PM3GD12V
568
GREEN
DIFFUSED
‐‐
12
25
35
2GD12V‐S
PM3HC12V
625
HE RED
WATER  CLEAR
‐‐
12
50
20
3HC12V‐S
PM3HD12V
625
HE RED
DIFFUSED
‐‐
12
30
35
3HD12V‐S
PM3RC12V
700
RED
WATER  CLEAR
‐‐
12
6
20
3RC12V‐S
PM3RD12V
700
RED
DIFFUSED
‐‐
12
2
35
3RD12V‐S
PM3YC12V
590
YELLOW
WATER  CLEAR
‐‐
12
40
20
3YC12V‐S
PM3YD12V
590
YELLOW
DIFFUSED
‐‐
12
25
35
3YD12V‐S
Viewing
Angle
2 θ 1/2
(Deg)
12 Volt
Data @ 12V
Lens
Appearance 
Electro‐Optical Data
Vf
(V)
LED P/N
Data @ 5V
Emitted Color
Peak Wave
Length
λp(nm)
Assembly P/N
5 Volt



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com