Electronic Components Datasheet Search
  English  ▼

X  

DR08 Datasheet(PDF) 1 Page - elc construction electronique

Part # DR08
Description  DECADE RESISTANCE BOXES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELC [elc construction electronique]
Direct Link  https://elc.fr/
Logo ELC - elc construction electronique

DR08 Datasheet(HTML) 1 Page - elc construction electronique

  DR08 Datasheet HTML 1Page - elc construction electronique  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
89 | www.elc.fr
Specifications
EAN CODE :
DECADE RESISTANCE BOXES
Other specifications
• The assembly is mounted on the front panel which fits into a 19" standard
subrack.
• Mounting plate dimensions :
DR04 : H = 2U (U = 44.45 mm) - L = 84F (F = 5.08 mm)
DR 05, 06, 07, 08 : H = 2U (U = 44.5 mm) - L = 84F (F = 5.08 mm)
• Safety
: Complies with EN 61010-1,
Overvoltage category III, pollution degree 2.
• Max voltage : DR04-07, 150 V AC/DC (reinforced insulation).
250 V AC/DC with earth connected to
safety earth socket (single insulation).
DR08, 300 V AC/DC (reinforced insulation)
• Presentation : aluminium mounting plate, screen-printed satin epoxy
finish, metal case, epoxy finish.
• The DR04-07 boxes use metal film resistors offering 0.5% accuracy and a
temperature coefficient of 50 ppm/°C.
• The DR08 box use thick film resistors offering 1% accuracy and a
temperature coefficient of 100 ppm/°C
• Output of each decade on 4 mm safety socket.
• Screen outputs (front panel and case) on safety earth socket.
• Professional quality switches with gilt contacts.
(R < 9 mΩ).
• Max power rating : 0.5 W.
Type
Weight
Decades
Multiplier in OHMS
Totale
Kg
0.1
1
10
100
1 K
10 K
100 K
1M
Resistance
DR 04
1
4
•
•
•
•
11,110 KΩ
DR 05
1,4
5
•
•
•
•
•
111,110 KΩ
DR 06
1,44
6
•
•
•
•
•
•
1 111,110 KΩ
DR 07
1,52
7
•
•
•
•
•
•
•
11,111 110 MΩ
DR 08
1,4
8
•
•
•
•
•
•
•
•
11,111 111 MΩ
Accuracy %
3
1
1
1
1
1
1
1
Max current
2.3 A
700 mA
200 mA
70 mA
20 mA
7 mA
2 mA
0,7 mA
DR 04/05/06/07/08
ROBUST : Metal case, epoxy finish.
PRECISE : Good long-term stability.
- 1% resistors.
EASY : front panel.
- Intermediate tap at each decade.
307
1 0 0
DR0 4
1 0 0
DR 05/ 08
DR 06
DR0 7
427
1, 52 Kg 1 ,5 6K g 1, 61 Kg
1, 15 K g
4, 58 d m 3
45 2
1 1 5
1, 4K g
1 ,4 4K g
1 ,5 2K g
3, 32 d m 3
1, 04 K g
328
DR 05/ 08
DR 06
DR0 7
DR0 4
1 1 5
ROBUSTS
RESISTANCE from
0,1 Ohm to
11,111 111 MOhms
307
1 0 0
DR0 4
1 0 0
DR 05/ 08
DR 06
DR0 7
427
1, 52 Kg 1 ,5 6K g 1, 61 Kg
1, 15 K g
4, 58 d m 3
45 2
1 1 5
1, 4K g
1 ,4 4K g
1 ,5 2K g
3, 32 d m 3
1, 04 K g
328
DR 05/ 08
DR 06
DR0 7
DR0 4
1 1 5
ACCURACY 1%
3760244880406 (DR04)
EAN CODES : 3760244880413
(DR05)
3760244880420
(DR06)
3760244880437
(DR07)
3760244880444
(DR08)


Similar Part No. - DR08

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DR08 DIOTEC-DR08 Datasheet
54Kb / 1P
Wire jumper
logo
Alpha Wire
DR0800103 ALPHAWIRE-DR0800103 Datasheet
165Kb / 2P
M12-A Male
DR0800112 ALPHAWIRE-DR0800112 Datasheet
167Kb / 3P
M12-A Male
DR0800123 ALPHAWIRE-DR0800123 Datasheet
168Kb / 3P
M12-A Male
DR0800124 ALPHAWIRE-DR0800124 Datasheet
171Kb / 3P
M12-A Male
More results

Similar Description - DR08

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380400 EXTECH-380400 Datasheet
162Kb / 1P
Resistance Decade Box
380400 EXTECH-380400_15 Datasheet
252Kb / 1P
Resistance, Capacitance & Inductance Decade Boxes
logo
SparkFun Electronics
KIT-13006 SPARKFUN-KIT-13006 Datasheet
285Kb / 2P
SparkFun Decade Resistance Box
8/5/2016
logo
Analog Technologies, In...
ATRDB12 ANALOGTECHNOLOGIES-ATRDB12 Datasheet
285Kb / 4P
Resistance Decade Box
3/30/2021
logo
IET Labs Inc.
HARS-LX IET-HARS-LX Datasheet
770Kb / 3P
Laboratory Standard Decade Resistance Substituter
05.20.2014
HPRS IET-HPRS Datasheet
376Kb / 2P
High Power Decade Resistance Substituter
Sept. 2018
HRRS IET-HRRS Datasheet
214Kb / 2P
High-Resistance Decade Substituter
Dec 2015
PRS-300 IET-PRS-300 Datasheet
172Kb / 2P
Programmable Resistance Decade Substituter
Aug. 2017
PRS-330 IET-PRS-330 Datasheet
213Kb / 5P
Programmable Resistance Decade Substituter
Aug. 2018
RS925D IET-RS925D Datasheet
561Kb / 1P
(esi) Decade Resistance Substituter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com