Electronic Components Datasheet Search
  English  ▼

X  

DAC7573IPWR Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC7573IPWR
Description  QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I 2 C INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7573IPWR Datasheet(HTML) 1 Page - Texas Instruments

  DAC7573IPWR Datasheet HTML 1Page - Texas Instruments DAC7573IPWR Datasheet HTML 2Page - Texas Instruments DAC7573IPWR Datasheet HTML 3Page - Texas Instruments DAC7573IPWR Datasheet HTML 4Page - Texas Instruments DAC7573IPWR Datasheet HTML 5Page - Texas Instruments DAC7573IPWR Datasheet HTML 6Page - Texas Instruments DAC7573IPWR Datasheet HTML 7Page - Texas Instruments DAC7573IPWR Datasheet HTML 8Page - Texas Instruments DAC7573IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
Resistor
Network
8
18
Data
Buffer A
DAC
Register A
Data
Buffer D
DAC
Register D
DAC A
DAC D
Buffer
Control
Register
Control
Power-Down
Control Logic
VOUTA
VOUTB
VOUTC
VOUTD
VREFL
A0
A1
A2
A3
GND
I2C
Block
SCL
SDA
LDAC
VREFH
IOVDD
VDD
DAC7573
SLAS398 – SEPTEMBER 2003
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT,
I
2
C INTERFACE DIGITAL-TO-ANALOG CONVERTER
•
Micropower Operation: 600 µA at 5 V VDD
The DAC7573 is a low-power, quad channel, 12-bit
•
Power-On Reset to Zero
buffered voltage output DAC. Its on-chip precision
output amplifier allows rail-to-rail output swing to be
•
+2.7-V to +5.5-V Analog Power Supply
achieved. The DAC7573 utilizes an I
2C compatible
•
12-Bit Monotonic
two
wire
serial
interface
supporting
high-speed
•
I
2C™ Interface up to 3.4 Mbps
interface mode with address support of up to sixteen
•
Data Transmit Capability
DAC7573s for a total of 64 channels on the bus.
•
On-Chip Output Buffer Amplifier, Rail-to-Rail
The DAC7573 requires an external reference voltage
Operation
to set the output range of the DAC. The DAC7573
•
Double-Buffered Input Register
incorporates a power-on-reset circuit that ensures
•
Address Support for up to Sixteen DAC7573s
that the DAC output powers up at zero volts and
remains there until a valid write takes place in the
•
Synchronous Update Support for up to 64
device. The DAC7573 contains a power-down fea-
Channels
ture, accessed via the internal control register, that
•
Operation From –40
°C to 105°C
reduces the current consumption of the device to 200
•
Small 16 Lead TSSOP Package
nA at 5 V.
The low power consumption of this part in normal
operation makes it ideally suited to portable battery
•
Process Control
operated equipment. The power consumption is less
•
Data Acquisition Systems
than 3 mW at VDD=5 V reducing to 1 µW in
power-down mode.
•
Closed-Loop Servo Control
•
PC Peripherals
The DAC7573 is available in a 16-lead TSSOP
•
Portable Instrumentation
package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
I2C is a trademark of Philips Corporation.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC7573IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7573IPWR TI-DAC7573IPWR Datasheet
766Kb / 30P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7573IPWR TI1-DAC7573IPWR Datasheet
1Mb / 35P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7573IPWR TI2-DAC7573IPWR Datasheet
923Kb / 37P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I 2 C INTERFACE DIGITAL-TO-ANALOG CONVERTER
SEPTEMBER 2003
DAC7573IPWR.B TI2-DAC7573IPWR.B Datasheet
923Kb / 37P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I 2 C INTERFACE DIGITAL-TO-ANALOG CONVERTER
SEPTEMBER 2003
More results

Similar Description - DAC7573IPWR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7624 BURR-BROWN-DAC7624 Datasheet
311Kb / 11P
12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7573 TI-DAC7573 Datasheet
766Kb / 30P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC5573 TI-DAC5573 Datasheet
499Kb / 30P
QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574 TI-DAC7574 Datasheet
783Kb / 31P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574IDGSR TI-DAC7574IDGSR Datasheet
1Mb / 35P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7624 TI1-DAC7624_15 Datasheet
670Kb / 16P
12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC5573 TI1-DAC5573_16 Datasheet
1Mb / 35P
QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT,INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC6573 TI1-DAC6573_16 Datasheet
1Mb / 35P
QUAD, 10-Bit, LOW-POWER, VOLTAGE OUTPUT,INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC6574 TI1-DAC6574_16 Datasheet
1Mb / 34P
QUAD, 10-BIT, LOW-POWER, VOLTAGE OUTPUT,INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7573 TI1-DAC7573_16 Datasheet
1Mb / 35P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT INTERFACE DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com