Electronic Components Datasheet Search
  English  ▼

X  

DAC8830MCDEP Datasheet(PDF) 7 Page - Texas Instruments

Part # DAC8830MCDEP
Description  16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8830MCDEP Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC8830MCDEP Datasheet HTML 3Page - Texas Instruments DAC8830MCDEP Datasheet HTML 4Page - Texas Instruments DAC8830MCDEP Datasheet HTML 5Page - Texas Instruments DAC8830MCDEP Datasheet HTML 6Page - Texas Instruments DAC8830MCDEP Datasheet HTML 7Page - Texas Instruments DAC8830MCDEP Datasheet HTML 8Page - Texas Instruments DAC8830MCDEP Datasheet HTML 9Page - Texas Instruments DAC8830MCDEP Datasheet HTML 10Page - Texas Instruments DAC8830MCDEP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
www.ti.com
PIN CONFIGURATION (NOT TO SCALE)
1
2
3
4
8
7
6
5
V
DD
DGND
SDI
SCLK
V
OUT
AGND
V
REF
CS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
RFB
V
OUT
AGNDF
AGNDS
V
REF−S
V
REF−F
CS
V
DD
INV
DGND
LDAC
SDI
NC
SCLK
DAC8830-EP
DAC8831-EP
SGLS334C – AUGUST 2006 – REVISED APRIL 2007
DAC8830ID, DAC8830IBD,
DAC8831ID, DAC8831IBD,
DAC8830ICD (SO-8)
DAC8831ICD (SO-14)
(TOP VIEW)
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NO.
NAME
DAC8830
1
VOUT
Analog output of DAC
2
AGND
Analog ground
3
VREF
Voltage reference input
4
CS
Chip select input (active low). Data is not clocked into SDI unless CS is low.
5
SCLK
Serial clock input
6
SDI
Serial data input. Data is latched into input register on the rising edge of SCLK.
7
DGND
Digital ground
8
VDD
Analog power supply, 3 V to 5 V
DAC8831
1
RFB
Feedback resistor. Connect to the output of external operational amplifier in bipolar mode.
2
VOUT
Analog output of DAC
3
AGNDF
Analog ground (Force)
4
AGNDS
Analog ground (Sense)
5
VREF-S
Voltage reference input (Sense). Connect to external voltage reference.
6
VREF-F
Voltage reference input (Force). Connect to external voltage reference.
7
CS
Chip select input (active low). Data is not clocked into SDI unless CS is low.
8
SCLK
Serial clock input
9
NC
No internal connection
10
SDI
Serial data input. Data is latched into input register on the rising edge of SCLK.
Load DAC control input. Active low. When LDAC is Low, the DAC latch is simultaneously updated with the
11
LDAC
content of the input register.
12
DGND
Digital ground
Junction point of internal scaling resistors. Connect to external operational amplifier’s inverting input in bipolar
13
INV
mode.
14
VDD
Analog power supply, 3 V to 5 V
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com