Electronic Components Datasheet Search
  English  ▼

X  

DDC112Y/2K Datasheet(PDF) 1 Page - Texas Instruments

Part # DDC112Y/2K
Description  Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DDC112Y/2K Datasheet(HTML) 1 Page - Texas Instruments

  DDC112Y/2K Datasheet HTML 1Page - Texas Instruments DDC112Y/2K Datasheet HTML 2Page - Texas Instruments DDC112Y/2K Datasheet HTML 3Page - Texas Instruments DDC112Y/2K Datasheet HTML 4Page - Texas Instruments DDC112Y/2K Datasheet HTML 5Page - Texas Instruments DDC112Y/2K Datasheet HTML 6Page - Texas Instruments DDC112Y/2K Datasheet HTML 7Page - Texas Instruments DDC112Y/2K Datasheet HTML 8Page - Texas Instruments DDC112Y/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
DDC112
Dual Current Input 20-Bit
ANALOG-TO-DIGITAL CONVERTER
FEATURES
q MONOLITHIC CHARGE MEASUREMENT A/D
CONVERTER
q DIGITAL FILTER NOISE REDUCTION:
3.2ppm, rms
q INTEGRAL LINEARITY:
±0.005% Reading ±0.5ppm FSR
q HIGH PRECISION, TRUE INTEGRATING FUNC-
TION
q PROGRAMMABLE FULL-SCALE
q SINGLE SUPPLY
q CASCADABLE OUTPUT
APPLICATIONS
q DIRECT PHOTOSENSOR DIGITIZATION
q CT SCANNER DAS
q INFRARED PYROMETER
q PRECISION PROCESS CONTROL
q LIQUID/GAS CHROMATOGRAPHY
q BLOOD ANALYSIS
DESCRIPTION
The DDC112 is a dual input, wide dynamic range, charge-
digitizing analog-to-digital (A/D) converter with 20-bit resolu-
tion. Low-level current output devices, such as photosensors,
can be directly connected to its inputs. Charge integration is
continuous as each input uses two integrators; while one is
being digitized, the other is integrating.
For each of its two inputs, the DDC112 combines current-to-
voltage conversion, continuous integration, programmable
full-scale range, A/D conversion, and digital filtering to achieve
a precision, wide dynamic range digital result. In addition to
the internal programmable full-scale ranges, external integrat-
ing capacitors allow an additional user-settable full-scale
range of up to 1000pC.
To provide single-supply operation, the internal A/D converter
utilizes a differential input, with the positive input tied to VREF.
When the integration capacitor is reset at the beginning of
each integration cycle, the capacitor charges to VREF. This
charge is removed in proportion to the input current. At the
end of the integration cycle, the remaining voltage is com-
pared to VREF.
The high-speed serial shift register which holds the result of
the last conversion can be configured to allow multiple DDC112
units to be cascaded, minimizing interconnections. The
DDC112 is available in an SO-28 or TQFP-32 package and is
offered in two performance grades.
Protected by US Patent #5841310
Dual
Switched
Integrator
Dual
Switched
Integrator
∆Σ
Modulator
Digital
Filter
Control
Digital
Input/Output
DVALID
DXMIT
DOUT
DIN
DCLK
RANGE2
RANGE1
RANGE0
TEST
CONV
CLK
CAP1A
CAP1A
CAP1B
CAP1B
CAP2A
CAP2A
CAP2B
CAP2B
IN2
IN1
VREF
DGND
DVDD
AGND
AVDD
CHANNEL 1
CHANNEL 2
SBAS085B – JANUARY 2000 – REVISED OCTOBER 2004
DDC1
12
®
DDC
112
®
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2000-2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - DDC112Y/2K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC112Y/2K TI-DDC112Y/2K Datasheet
1Mb / 34P
Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC112Y/2K TI1-DDC112Y/2K Datasheet
1Mb / 34P
Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC112Y/2K TI2-DDC112Y/2K Datasheet
867Kb / 37P
Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
REVISED OCTOBER 2004
DDC112Y/2K.B TI2-DDC112Y/2K.B Datasheet
867Kb / 37P
Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
REVISED OCTOBER 2004
DDC112Y/2KG4 TI1-DDC112Y/2KG4 Datasheet
1Mb / 34P
Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - DDC112Y/2K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DDC112 BURR-BROWN-DDC112 Datasheet
210Kb / 24P
Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC114 BURR-BROWN-DDC114 Datasheet
389Kb / 30P
Quad Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC118 BURR-BROWN-DDC118 Datasheet
384Kb / 30P
Octal Current Input 20-Bit Analog-To-Digital Converter
logo
Texas Instruments
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
20-BIT ANALOG-TO-DIGITAL CONVERTER
DDC112Y TI-DDC112Y Datasheet
1Mb / 34P
Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC114IRTCT TI1-DDC114IRTCT Datasheet
823Kb / 35P
Quad Current Input, 20-Bit Analog-To-Digital Converter
DDC112 TI1-DDC112_14 Datasheet
1Mb / 35P
Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC114 TI1-DDC114_14 Datasheet
1Mb / 37P
Quad Current Input, 20-Bit Analog-To-Digital Converter
DDC112 TI1-DDC112_15 Datasheet
1Mb / 34P
Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC118 TI1-DDC118_16 Datasheet
1Mb / 36P
Octal Current Input, 20-Bit Analog-To-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com