| Electronic Components Datasheet Search |
|
DDC112YK/2K Datasheet(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DDC112YK/2K Datasheet(HTML) 13 Page - Texas Instruments |
|
13 / 37 page ![]() DDC112 13 SBAS085B www.ti.com TEST and CONV work together to implement this feature. The test mode is entered when TEST is HIGH prior to a CONV edge. At that point, a CONV edge triggers the ground- ing of the analog inputs and the switching of 13pC packets of charge onto the integration capacitors. If TEST is kept HIGH through at least two conversions (that is, a rise and fall of CONV), all four integrators will be charged with a 13pC packet. At the end of each conversion, the voltage at the output of the integrators is digitized as discussed in the Continuous and Non-Continuous Operational Modes section of this data sheet. The test mode is exited when TEST is LOW and a CONV edge occurs. Once the test mode is entered as described above, TEST can cycle as many times as desired. When this is done, additional 13pC packets are added on the rising edge of TEST to the existing charge on the integrator capacitors. Multiple charge packets can be added in this way as long as the TEST pin is not LOW when CONV toggles. DIGITAL ISSUES The digital interface of the DDC112 provides the digital results via a synchronous serial interface consisting of a data clock (DCLK), a transmit enable pin (DXMIT), a valid data pin (DVALID), a serial data output pin (DOUT), and a serial data input pin (DIN). The DDC112 contains only one A/D converter, so the conversion process is interleaved between the two inputs (see Figure 2). The integration and conversion process is fundamentally independent of the data retrieval process. Consequently, the CLK frequency and DCLK frequencies need not be the same. DIN is used when multiple converters are cascaded. Cascading or daisy-chaining greatly simplifies the interconnection and routing of the digital outputs in cases where a large number of converters are needed. Refer to the Cascading Multiple Converters section of this data sheet for more detail. The conversion rate of the DDC112 is set by a combination of the integration time (determined by the user) and the speed of the A/D conversion process. The A/D conversion time is primarily a function of the system clock (CLK) speed. One A/D conversion cycle encompasses the conversion of two signals (one from each input of the DDC112) and reset time for each of the integrators involved in the two conversions. In most situations, the A/D conversion time is shorter than the integration time. If this condition exists, the DDC112 will operate in the continuous mode. When the DDC112 is in the continuous mode, the sensor output is continuously integrated by one of the two sides of each input. In the event that the A/D conversion takes longer than the integration time, the DDC112 will switch into a noncontinu- ous mode. In noncontinuous mode, the A/D converter is not able to keep pace with the speed of the integration process. Consequently, the integration process is periodically halted until the digitizing process catches up. These two basic modes of operation for the DDC112—continuous and non- continuous modes—are described in the Continuous and Noncontinuous Operational Modes section of this data sheet. Continuous and Non-Continuous Operational Modes The state diagram of the DDC112 is shown in Figure 9. In all, there are 8 states. Table IV provides a brief explanation of each of the states. Int A/Meas B Cont 5 CONV • mbsy CONV • mbsy CONV • mbsy CONV • mbsy CONV • mbsy CONV • mbsy CONV CONV Int B/Meas A Cont 4 Ncont 1 Ncont 2 Int A Cont 3 Ncont 8 Ncont 7 Int B Cont 6 CONV CONV mbsy mbsy FIGURE 9. State Diagram. Four signals are used to control progression around the state diagram: CONV and mbsy and their complements. The state machine uses the level as opposed to the edges of CONV to control the progression. mbsy is an internally-generated signal not available to the user. It is active whenever a measurement/reset/auto-zero (m/r/az) cycle is in progress. STATE MODE DESCRIPTION 1 Ncont Complete m/r/az of side A, then side B (if previous state is state 4). Initial power-up state when CONV is initially held HIGH. 2 Ncont Prepare side A for integration. 3 Cont Integrate on side A. 4 Cont Integrate on side B; m/r/az on side A. 5 Cont Integrate on side A; m/r/az on side B. 6 Cont Integrate on side B. 7 Ncont Prepare side B for integration. 8 Ncont Complete m/r/az of side B, then side A (if previous state is state 5). Initial power-up state when CONV is initially held LOW. TABLE IV. State Descriptions. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |