Electronic Components Datasheet Search
  English  ▼

X  

DRV604 Datasheet(PDF) 2 Page - Texas Instruments

Part # DRV604
Description  DirectPath™ 2Vrms Line Driver and HP Amp With Adjustable Gain
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV604 Datasheet(HTML) 2 Page - Texas Instruments

  DRV604 Datasheet HTML 1Page - Texas Instruments DRV604 Datasheet HTML 2Page - Texas Instruments DRV604 Datasheet HTML 3Page - Texas Instruments DRV604 Datasheet HTML 4Page - Texas Instruments DRV604 Datasheet HTML 5Page - Texas Instruments DRV604 Datasheet HTML 6Page - Texas Instruments DRV604 Datasheet HTML 7Page - Texas Instruments DRV604 Datasheet HTML 8Page - Texas Instruments DRV604 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
+LD_L
EN_LD
CP_LD
OUT_LDL
PGND
Ex_UVP
PVDD_LD
PVSS_LD
CN_LD
AGND
-HP_L
CN_HP
OUT
_HPR
OUT_HPL
PGND
NC
EN_HP
1
2
4
5
3
6
7
8
9
10
28
27
25
24
26
23
22
21
19
20
17
11
12
18
CP_HP
13
14
16
15
PVDD _ HP
AGND
PVSS_HP
-LD_L
+HP_L
+LD_R
-LD_R
OUT_LDR
-HP_R
+HP_R
DRV604
SLOS659A – JANUARY 2010 – REVISED APRIL 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DEVICE INFORMATION
PIN ASSIGNMENT
The DRV604 is available in the thermally enhanced package: 28-Pin HTSSOP package (PWP).
PIN FUNCTIONS
PIN
FUNCTION(1)
DESCRIPTION
NAME
PWP NO.
+LD_L
1
I
Positive input, Line driver Left
–LD_L
2
I
Negative input, Line driver Left
OUT_LDL
3
O
Output, Line driver Left
AGND
4
P
Analog Ground
EN_LD
5
I
Enable for Line driver, active high
PVSS_LD
6
O
Charge Pump Negative Supply Voltage Output for Line Driver
CN_LD
7
I/O
Charge Pump Flying Capacitor Negative connection, Line Driver
CN_HP
8
I/O
Charge Pump Flying Capacitor Negative connection, Headphone
PVSS_HP
9
O
Headphone, Charge Pump Negative Supply Voltage Output
EN_HP
10
I
Enable for Headphone, active high
AGND
11
P
Analog Ground
OUT_HPL
12
O
Output, Headphone Left
–HP_L
13
I
Negative input, Headphone Left
+HP_L
14
I
Positive input, Headphone Left
+HP_R
15
I
Positive input, Headphone Right
–HP_R
16
I
Negative input, Headphone Right
(1)
I = input, O = output, P = power
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :DRV604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com