Electronic Components Datasheet Search
  English  ▼

X  

AM81719-030 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AM81719-030
Description  TELEMETRY APPLICATIONS RF & MICROWAVE TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM81719-030 Datasheet(HTML) 1 Page - STMicroelectronics

  AM81719-030 Datasheet HTML 1Page - STMicroelectronics AM81719-030 Datasheet HTML 2Page - STMicroelectronics AM81719-030 Datasheet HTML 3Page - STMicroelectronics AM81719-030 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRELIMINARY DATA
September 1992
TELEMETRY APPLICATIONS
RF & MICROWAVE TRANSISTORS
. 400 SQ 2LFL (M147)
hermetically sealed
.
REFRACTORY/GOLD METALLIZATION
.
EMITTER SITE BALLASTED
.
LOW THERMAL RESISTANCE
.
INPUT/OUTPUT MATCHING
.
OVERLAY GEOMETRY
.
METAL/CERAMIC HERMETIC PACKAGE
.
POUT
= 28 W MIN. WITH 6.7 dB GAIN
DESCRIPTION
The AM81719-030 is a high power silicon NPN
bipolar transistor designed for Class C, CW com-
munications and telemetry applications in the 1.75
- 1.85 GHz frequency range.
An emitter site ballasted refractory/gold overlay
die geometry computerized automatic wire bonding
is employed to ensure long term reliability and
product consistency.
AM81719-030 is supplied in the industry-standard
AMPAC
™ hermetic metal/ceramic package.
PIN CONNECTION
BRANDING
81719-030
ORDER CODE
AM81719-030
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
PDISS
Power Dissipation*
67.3
W
IC
Device Current*
2.67
A
VCC
Collector-Supply Voltage*
28
V
TJ
Junction Temperature
200
°C
TSTG
Storage Temperature
− 65 to +200
°C
RTH(j-c)
Junction-Case Thermal Resistance*
2.6
°C/W
*Applies only to rated RF amplifier operation
AM81719-030
1. Collector
3. Emitter
2. Base
4. Base
THERMAL DATA
1/4


Similar Part No. - AM81719-030

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM81719-040 STMICROELECTRONICS-AM81719-040 Datasheet
44Kb / 3P
RF & MICROWAVE TRANSISTORS TELEMETRY APPLICATIONS
06-Jul-1995
More results

Similar Description - AM81719-030

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM81719-040 STMICROELECTRONICS-AM81719-040 Datasheet
44Kb / 3P
RF & MICROWAVE TRANSISTORS TELEMETRY APPLICATIONS
06-Jul-1995
AM82223-010 STMICROELECTRONICS-AM82223-010 Datasheet
59Kb / 3P
TELEMETRY APPLICATIONS RF & MICROWAVE TRANSISTORS
31-Aug-1994
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
AM82223-018 ADPOW-AM82223-018 Datasheet
213Kb / 4P
RF & MICROWAVE TRANSISTORS TELEMETRY APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com