Electronic Components Datasheet Search
  English  ▼

X  

LYT2004D Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # LYT2004D
Description  Energy-Efficient, Accurate Primary-Side Regulation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LYT2004D Datasheet(HTML) 4 Page - Power Integrations, Inc.

  LYT2004D Datasheet HTML 1Page - Power Integrations, Inc. LYT2004D Datasheet HTML 2Page - Power Integrations, Inc. LYT2004D Datasheet HTML 3Page - Power Integrations, Inc. LYT2004D Datasheet HTML 4Page - Power Integrations, Inc. LYT2004D Datasheet HTML 5Page - Power Integrations, Inc. LYT2004D Datasheet HTML 6Page - Power Integrations, Inc. LYT2004D Datasheet HTML 7Page - Power Integrations, Inc. LYT2004D Datasheet HTML 8Page - Power Integrations, Inc. LYT2004D Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Rev. B 09/15
4
LYT2002-2005
www.power.com
Applications Example
Circuit Description
This circuit shown in Figure 4 is configured as a primary-side
regulated flyback power supply utilizing the LYT2004E from the
LYTSwitch-2 family of ICs. This type of LED driver design is typical
for an external ballast application where safety isolation is required
while power factor correction is not. The output can drive an LED
load from 48 V to 22 V with a constant output current of 180 mA ±5%
across input range of 90 VAC to 265 VAC and ambient temperature
range of 0 ºC to 60 ºC. It has an average efficiency of >86% and
<30 mW no-load input power measured at nominal input voltages
(i.e. 115 VAC and 230 VAC). This design easily meets the most
stringent current energy efficiency requirements.
Input Filter
AC input power is rectified by bridge diode BR1. The rectified DC is
filtered by the bulk storage capacitors C1 and C2. Inductor L1, L2,
C1 and C2 form a pi (π) filter, which attenuates conducted differen-
tial-mode EMI. Resistors R1 and R2 placed across the inductors
damp the Q to improve frequency noise filtering without reducing low
frequency noise attenuation. A small value Y capacitor (C7) across
the transformer was used to reducer common-mode noise currents.
The fuse F1 provides protection against catastrophic failure. This
can be replaced by a fusible resistor for cost reduction but should be
suitably rated (and typically a wire wound type) to withstand the
instantaneous dissipation experienced during input capacitor charging
when first connected to the AC line.
LYT2004 Primary
The LYTSwitch-2 family (U1) incorporates the power switching device,
oscillator, CC/CV control engine, start-up, and protection functions.
The integrated 725 V power MOSFET provides a large drain voltage
margin in universal input AC applications, increasing reliability and
also reducing the output diode voltage stress by permitting the use of
higher transformer turns ratios. The device is completely self-
powered from the BYPASS pin and decoupling capacitor C4.
The optional bias supply formed by D2 and C5 and R6 provides
operating current to U1 via resistor R9. This reduces the no-load
consumption from 200 mW to less than 30 mW. The bias supply also
increases light load efficiency.
The rectified and filtered input voltage is applied to one side of the
primary winding of T1. The other side of the transformer’s primary
winding is driven by the integrated power MOSFET in U1. The
leakage inductance drain voltage spike is limited by an RCD-R clamp
consisting of D1, R3, R4, R5, and C3.
Output Rectification
The output from the transformer is rectified by D3, a 1 A, 400 V
ultrafast recovery type diode (for higher efficiency), and filtered by
C6. In this application C6 was sized to meet a (typical) ripple
requirement of less than 10% without the need for an additional LC
post filter.
PI-7280-051414
D
S
FB
BP
L1
3.9 mH
C1
12
µF
400 V
C4
1
µF
50 V
C5
1
µF
50 V
C2
12
µF
400 V
C6
100
µF
63 V
C7
1 nF
500 V
U1
LYT2004E
LYTSwitch-2
C3
470 pF
1 kV
R2
3.9 k
Ω
1/8 W
R5
560
Ω
R4
560
Ω
R8
6.98 k
Ω
1%
1/8 W
R9
12 k
Ω
1/8 W
R7
60.4 k
Ω
1%
1/8 W
R6
2
Ω
1/8 W
T1
EE19
9
5
10
1
2
R10
1.2 M
Ω
D1
S1ML
D2
BAV21W-7-F
4
D3
US1G
R3
220 k
Ω
L2
3.9 mH
22 V - 48 V,
180 mA
TP3
RTN
TP4
R1
3.9 k
Ω
1/8 W
F1
2 A
90 - 265
VAC
L
TP1
N
TP2
BR1
B10S-G
1000 V
Figure 4. Energy Efficient 8.6 W LED Power Supply (>86 % Average Efficiency, <30 mW No-load Input Power).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com