Electronic Components Datasheet Search
  English  ▼

X  

PFS712EG Datasheet(PDF) 29 Page - Power Integrations, Inc.

Part # PFS712EG
Description  High Power PFC Controller with Integrated
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS712EG Datasheet(HTML) 29 Page - Power Integrations, Inc.

Back Button PFS712EG Datasheet HTML 22Page - Power Integrations, Inc. PFS712EG Datasheet HTML 23Page - Power Integrations, Inc. PFS712EG Datasheet HTML 24Page - Power Integrations, Inc. PFS712EG Datasheet HTML 25Page - Power Integrations, Inc. PFS712EG Datasheet HTML 26Page - Power Integrations, Inc. PFS712EG Datasheet HTML 27Page - Power Integrations, Inc. PFS712EG Datasheet HTML 28Page - Power Integrations, Inc. PFS712EG Datasheet HTML 29Page - Power Integrations, Inc. PFS712EG Datasheet HTML 30Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
Rev. G 06/15
29
PFS704-729EG
www.power.com
Part Marking Information
• HiperPFS Product Family
• PFS Series Number
• Package Identifier
E
Plastic eSIP-7G
• Pin Finish
G
Halogen Free and RoHS Compliant
Part Ordering Information
Part Number
Option
Quantity
PFS704EG
Tube
48
PFS706EG
Tube
48
PFS708EG
Tube
48
PFS710EG
Tube
48
PFS712EG
Tube
48
PFS713EG
Tube
48
PFS714EG
Tube
48
PFS716EG
Tube
48
PFS723EG
Tube
48
PFS724EG
Tube
48
PFS725EG
Tube
48
PFS726EG
Tube
48
PFS727EG
Tube
48
PFS728EG
Tube
48
PFS729EG
Tube
48
PFS 704 E G
Revision
Notes
Date
A
Initial Release.
11/09/10
B
Updated Figure 9 and deleted sentence on page 7.
02/11
C
Updated FEEDBACK Pin Voltage rating in Absolute Maximum Rating table.
02/11
D
Updated Inductor Design paragraph on page 12. Updated K
P number on page 13.
12/11
D
Updated Parameter Table text.
03/21/12
E
Added PFS713EG. Updated Voltage Monitor Pin Voltage Threshold Min and Max.
05/12
F
VCC Pin Voltage change from 13.4 V to 15 V. Added Note 5 to Absolute Maximum Ratings table on page 19.
12/03/12
G
Updated with new Brand Style.
06/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com