Electronic Components Datasheet Search
  English  ▼

X  

0829328 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0829328
Description  US-WMTB (29X8) OG - Cable marker
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0829328 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0829328 Datasheet HTML 1Page - PHOENIX CONTACT 0829328 Datasheet HTML 2Page - PHOENIX CONTACT 0829328 Datasheet HTML 3Page - PHOENIX CONTACT 0829328 Datasheet HTML 4Page - PHOENIX CONTACT 0829328 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Cable marker, Card, orange, unmarked, can be labeled with: BLUEMARK ID COLOR,
BLUEMARK ID, THERMOMARK PRIME, THERMOMARK CARD 2.0, THERMOMARK CARD,
THERMOMARK PRIME 2.0, mounting type: Assembly with cable ties, cable diameter: > 13 mm,
Number of individual labels: 24, text field height: 8 mm, text field width: 29 mm
Your advantages
The markers, which are supplied as uniform cards, can be labeled quickly, easily, and cost-effectively using the THERMOMARK CARD
•
The US-WMTB... UniSheet labeling range includes markers that can be secured using standard cable binders
•
The perforated marking strips are easy to separate and can be easily fitted
•
The cards provide space for including function texts
•
Commercial data
Item number
0829328
Packing unit
10 pc
Minimum order quantity
10 pc
Sales key
BG09
Product key
BG2319
GTIN
4046356613347
Weight per piece (including packing)
13.57 g
Weight per piece (excluding packing)
13.57 g
Customs tariff number
39204910
Country of origin
DE
US-WMTB (29X8) OG - Cable marker
0829328
https://www.phoenixcontact.com/us/products/0829328
Aug 7, 2025, 5:19AM
Page 1 (5)


Similar Part No. - 0829328

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0829328 PHOENIX-0829328 Datasheet
6Mb / 76P
THERMOMARK LINE
More results

Similar Description - 0829328

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0820183 PHOENIX-0820183 Datasheet
59Kb / 4P
Cable marker - UC-WMTBA (29X8)
09/11/2020
0820390 PHOENIX-0820390 Datasheet
60Kb / 4P
Cable marker - UC-WMTBA (29X8) YE
09/11/2020
0820594 PHOENIX-0820594 Datasheet
60Kb / 4P
Cable marker - UC-WMTBA (29X8) BU
09/11/2020
1014107 PHOENIX-1014107 Datasheet
54Kb / 3P
Cable marker carrier - KMK UV (29X8)
09/11/2020
0828376 PHOENIX-0828376 Datasheet
60Kb / 4P
Cable marker - UC-WMTB (44X15)
09/11/2020
0828381 PHOENIX-0828381 Datasheet
61Kb / 4P
Cable marker - UC-WMTB (44X15) BU
09/11/2020
0830524 PHOENIX-0830524 Datasheet
57Kb / 3P
Cable marker - WMTB-AL (40X15)
09/11/2020
0830525 PHOENIX-0830525 Datasheet
56Kb / 3P
Cable marker - WMTB-AL (60X15)
09/11/2020
0830721 PHOENIX-0830721 Datasheet
66Kb / 4P
Cable marker carrier - KMK HP (29X8)
09/11/2020
0830805 PHOENIX-0830805 Datasheet
57Kb / 3P
Cable marker - WMTB-AL (29X8)
09/11/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com