Electronic Components Datasheet Search
  English  ▼

X  

AM81719-040 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AM81719-040
Description  RF & MICROWAVE TRANSISTORS TELEMETRY APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM81719-040 Datasheet(HTML) 1 Page - STMicroelectronics

  AM81719-040 Datasheet HTML 1Page - STMicroelectronics AM81719-040 Datasheet HTML 2Page - STMicroelectronics AM81719-040 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RF & MICROWAVE TRANSISTORS
TELEMETRY APPLICATIONS
. 400 X .400 2 LF L (M228)
hermetically sealed
.
REFRACTORY/GOLD METALLIZATION
.
EMITTER SITE BALLASTED
.
INPUT/OUTPUT MATCHING
.
OVERLAY GEOMETRY
.
METAL/CERAMIC HERMETIC PACKAGE
.
POUT
= 40 W MIN. WITH 7 dB GAIN
DESCRIPTION
The AM81719-040 is a high power silicon NPN
bipolar transistor designed for Class C, CW com-
munications and telemetry applications in the
1.75 - 1.85 GHz frequency range.
An emitter-ballasted refractory-gold overlay die
geometry with computerized automatic wire-
bonding is employed to ensure long-term reliabil-
ity and product consistency.
PIN CONNECTION
BRANDING
81719-40
ORDER CO DE
AM81719-040
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C)
Symbol
Parameter
Valu e
Un it
PDISS
Power Dissipation*
79.5
W
IC
Device Current*
4.8
A
VCC
Collector-Supply Voltage*
30
V
TJ
Junction Temperature
200
°C
TSTG
Storage Temperature
− 65 to +200
°C
RTH(j-c)
Junction-Case Thermal Resistance*
2.2
°C/W
*Applies only to rated RF amplifier operation
AM81719-040
1. Collector
3. Emitter
2. Base
4. Base
THERMAL DATA
PRELI MINARY DAT A
July 6, 1995
1/3


Similar Part No. - AM81719-040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM81719-030 STMICROELECTRONICS-AM81719-030 Datasheet
64Kb / 4P
TELEMETRY APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
More results

Similar Description - AM81719-040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM81719-030 STMICROELECTRONICS-AM81719-030 Datasheet
64Kb / 4P
TELEMETRY APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
AM82223-010 STMICROELECTRONICS-AM82223-010 Datasheet
59Kb / 3P
TELEMETRY APPLICATIONS RF & MICROWAVE TRANSISTORS
31-Aug-1994
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
AM82223-018 ADPOW-AM82223-018 Datasheet
213Kb / 4P
RF & MICROWAVE TRANSISTORS TELEMETRY APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com