Electronic Components Datasheet Search
  English  ▼

X  

0830813 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0830813
Description  WML HF 3(13X10)R YE - Wire-wrap label
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830813 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0830813 Datasheet HTML 1Page - PHOENIX CONTACT 0830813 Datasheet HTML 2Page - PHOENIX CONTACT 0830813 Datasheet HTML 3Page - PHOENIX CONTACT 0830813 Datasheet HTML 4Page - PHOENIX CONTACT 0830813 Datasheet HTML 5Page - PHOENIX CONTACT 0830813 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical data
Product properties
Product type
Conductor marking
Marking
Number of individual labels
5000
Number of individual labels per row
4
Identification technology
Thermal transfer for rolls
Dimensions
Width
12.7 mm
Height
9.5 mm
Depth
0.1 mm
External dimensions
Outside diameter
2.5 mm ... 3 mm
Text field
Text field width
12.7 mm
Text field height
9.5 mm
Material specifications
Color
yellow (RAL 1018)
Base element material
Polyethylene
Components
free from silicone and halogen
Cable/line
≤ 3.00 mm
External cable diameter
3 mm ... 3 mm
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Tesafilm test
Specification
DIN EN ISO 2409:2013 (following)
Result
Test passed
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
Test duration
96 h
WML HF 3(13X10)R YE - Wire-wrap label
0830813
https://www.phoenixcontact.com/us/products/0830813
Aug 7, 2025, 2:51AM
Page 2 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com