Electronic Components Datasheet Search
  English  ▼

X  

KD0504PFS2 Datasheet(PDF) 1 Page - Sunon Fans

Part # KD0504PFS2
Description  Sunon DC Brushless Fan
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNON [Sunon Fans]
Direct Link  https://www.sunon.com
Logo SUNON - Sunon Fans

KD0504PFS2 Datasheet(HTML) 1 Page - Sunon Fans

  KD0504PFS2 Datasheet HTML 1Page - Sunon Fans KD0504PFS2 Datasheet HTML 2Page - Sunon Fans  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KD0545PFS1
KD0545PFS2
KD1245PFS1
KD1245PFS2
(g)
(dBA)
(Inch-H2O)
(CFM)
(RPM)
(WATTS)
(mA)
(VDC)
P/N
Model
Bearing
45x45x10 mm
5
5
12
12
11.GN
11.GN
11.GN
11.GN
279
172
114
97
1.4
0.9
1.4
1.2
6000
5000
6000
5000
11.0
9.2
11.0
9.2
0.17
0.12
0.17
0.12
32
27
32
27
19
19
18.5
18.5
KD0505PFS1
KD0505PFS2
KD1205PFS1
KD1205PFS2
(g)
(dBA)
(Inch-H2O)
(CFM)
(RPM)
(WATTS)
(mA)
(VDC)
P/N
Model
Bearing
50x50x10 mm
5
5
12
12
11.GN
11.GN
11.GN
11.GN
297
181
120
104
1.5
0.9
1.4
1.2
5200
4300
5200
4300
13.0
11.0
13.0
11.0
0.14
0.11
0.14
0.11
30
26
30
26
21
21
20
20
KD0504PKB1
KD0504PKB2
KD0504PKB3
KD0504PKS1
KD0504PKS2
KD0504PKS3
KD1204PKBX
KD1204PKB1
KD1204PKB2
KD1204PKB3
KD1204PKSX
KD1204PKS1
KD1204PKS2
KD1204PKS3
(g)
(dBA)
(Inch-H2O)
(CFM)
(RPM)
(WATTS)
(mA)
(VDC)
P/N
Model
Bearing
40x40x20 mm
5
5
5
5
5
5
12
12
12
12
12
12
12
12
(2).GN
(2).GN
(2).GN
GN
GN
GN
(2).GN
(2).GN
(2).GN
(2).GN
GN
GN
GN
GN
223
142
91
218
140
90
124
80
62
44
120
80
63
45
1.1
0.7
0.5
1.1
0.7
0.5
1.5
1.0
0.7
0.5
1.4
1.0
0.8
0.5
7200
6200
5200
7200
6200
5200
8200
7200
6200
5200
8200
7200
6200
5200
8.9
7.7
6.3
8.9
7.7
6.3
10.8
8.9
7.7
6.3
10.8
8.9
7.7
6.3
0.21
0.16
0.11
0.21
0.16
0.11
0.27
0.21
0.16
0.11
0.27
0.21
0.16
0.11
26.5
22.0
19.0
25.5
21.0
18.0
28.5
26.5
22.0
19.0
27.5
25.5
21.0
18.0
30
30
30
30
30
30
31
31
31
31
31
31
31
31
40x40x10 mm
Bearing
P/N
Rating
Voltage
(VDC)
Power
Current
(mA)
Speed
(RPM)
Air
Flow
(CFM)
Static
Pressure
(Inch-H2O)
Noise
(dBA)
Weight
(g)
11.GN
11.GN
11.GN
11.GN
5
5
12
12
KD0504PFS1
KD0504PFS2
KD1204PFS1
KD1204PFS2
Power
Consumption
(WATTS)
260
161
106
92
1.3
0.8
1.3
1.1
7000
5800
7000
5800
8.0
7.0
8.0
7.0
0.19
0.13
0.19
0.13
32.0
27.0
32.0
27.0
17
17
17
17
Sleeve
2BALL
Model
*All model could be customized on voltage or any other requirements to fit your need.
*Specifications subject to change without notice. Please Visit SUNON web site at http://www.sunon.com for update information.
Sunon DC Brushless Fan
Safety
Certification


Similar Part No. - KD0504PFS2

ManufacturerPart #DatasheetDescription
logo
Sunon Fans
KD0504PFS2-8 SUNON-KD0504PFS2-8 Datasheet
806Kb / 8P
DC Brushless Fan
2004/02/29
More results

Similar Description - KD0504PFS2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1004KL ETC1-1004KL Datasheet
64Kb / 1P
Brushless Fan
logo
Microchip Technology
TC652AEVUATR MICROCHIP-TC652AEVUATR Datasheet
431Kb / 14P
Integrated Temperature Sensor & Brushless DC Fan
04/20/02
logo
Copal Electronics
F17FA COPAL-F17FA Datasheet
68Kb / 2P
BRUSHLESS DC FAN
F455B COPAL-F455B Datasheet
81Kb / 2P
BRUSHLESS DC SIDE FLOW FAN MOTORS
logo
List of Unclassifed Man...
PMD1212PTB1-A ETC-PMD1212PTB1-A Datasheet
552Kb / 9P
DC BRUSHLESS FAN
KD1206PTS1 ETC1-KD1206PTS1 Datasheet
935Kb / 6P
DC BRUSHLESS FAN
PMD1238PKBX-A ETC-PMD1238PKBX-A Datasheet
198Kb / 4P
Sunon Power Motor Fan
2004/02/29
logo
NMB Technologies Corpor...
08025SE NMB-08025SE Datasheet
351Kb / 3P
IP55 Protected/Tacho Output Brushless DC Fan
03.22..22 Rev. 1.1
09225SE NMB-09225SE Datasheet
353Kb / 3P
IP55 Protected/Tacho Output Brushless DC Fan
03.22..22 - Rev. 1.1
logo
List of Unclassifed Man...
EEC0384B2-000U-A99 ETC-EEC0384B2-000U-A99 Datasheet
8Mb / 89P
DC Brushless Fan & Blower
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com