Electronic Components Datasheet Search
  English  ▼

X  

024-4TT Datasheet(PDF) 3 Page - PCE Instruments.

Part # 024-4TT
Description  Industrial plugs and sockets series SHARK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

024-4TT Datasheet(HTML) 3 Page - PCE Instruments.

  024-4TT Datasheet HTML 1Page - PCE Instruments. 024-4TT Datasheet HTML 2Page - PCE Instruments. 024-4TT Datasheet HTML 3Page - PCE Instruments. 024-4TT Datasheet HTML 4Page - PCE Instruments. 024-4TT Datasheet HTML 5Page - PCE Instruments. 024-4TT Datasheet HTML 6Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.pcelectric.at
Cat. no.
110V~
50/60 Hz
4h
230V~
50/60 Hz
3p=6h
4p+5p=9h
400V~
50/60 Hz
3p=9h
5p=6h
SHARK Plug
• with screw terminal
• housing material: PA6
• contacts: brass/to order nickel-plated contacts
please add a "v" e-g. 015-6v
IP44 splashproof
16
16
16
32
32
32
3
4
5
3
4
5
013-4
014-4
015-4
023-4
024-4
025-4
013-6
014-9
015-9
023-6
024-9
025-9
013-9
014-6
015-6
023-9
024-6
025-6
TURBO SHARK Plug
• screwless connection technology
• housing material: PA6
• contacts: brass/to order nickel-plated contacts
please add a "v" e-g. 015-6TTv
IP44 splashproof
16
16
16
32
32
32
3
4
5
3
4
5
013-4TT
014-4TT
015-4TT
023-4TT
024-4TT
025-4TT
013-6TT
014-9TT
015-9TT
023-6TT
024-9TT
025-9TT
013-9TT
014-6TT
015-6TT
023-9TT
024-6TT
025-6TT
SHARK
Phase Inverter Plug
• with screw terminal
• housing material: PA6
• nickel-plated contacts
IP44 splashproof
16
16
32
32
4
5
4
5
7014-9
7024-9
7014-6
7015-6
7024-6
7025-6
SHARK Connector
• with screw terminal
• housing material: PA6
• contacts: brass/to order nickel-plated contacts
please add a "v" e-g. 215-6v
IP44 splashproof
16
16
16
32
32
32
3
4
5
3
4
5
213-4
214-4
215-5
223-4
224-4
225-4
213-6
214-9
215-9
223-6
224-9
225-9
213-9
214-6
215-6
223-9
224-6
225-6
TURBO SHARK
Connector
• screwless connection technology
• housing material: PA6
• contacts: brass/to order nickel-plated contacts
please add a "v" e-g. 215-6TTv
IP44 splashproof
16
16
16
32
32
32
3
4
5
3
4
5
213-4TT
214-4TT
215-4TT
223-4TT
224-4TT
225-4TT
213-6TT
214-9TT
215-9TT
223-6TT
224-9TT
225-9TT
213-9TT
214-6TT
215-6TT
223-9TT
224-6TT
225-6TT
InDUSTRIAL PLUgS
AnD SoCkETS SERIES SHARK
The shark is the measure of all things in his territory.
This is why we have chosen
the name SHARK.
MADE IN AUSTRIA
is state-of-the-art in power distribution: extremely robust in
design, fine-mechanically and ergonomically designed and is
available in 16 and 32 Amp with 3, 4 and 5 pole versions.
Shark is designed to meet all application requirements at
100% – connecting one live cable with another in order to sup-
ply machines or electrical installations on construction sites of
any size and in industrial plants with energy.
It sounds so simple, yet in fact it's a high-tech task in which
almost all eventualities have to be considered. Strain relief,
speed, ergonomics, safety, temperature fluctuations or wea-
ther influences are just some of the basic parameters which
have been kept in mind.
PCE can assure you that any single SHARK is a genuine Aus-
trian high-quality product, from the granules to the smallest
screw.
We highly recommend it for just these reasons.
The SHARK series
SHARK oVERVIEW
SICHERHEIT
ERGONOMIE
FLEXIBILITÄT
SAFETY
ERGONOMIC
S
FLEXIBILITY



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com