Electronic Components Datasheet Search
  English  ▼

X  

024-9 Datasheet(PDF) 1 Page - PCE Instruments.

Part # 024-9
Description  Industrial plugs and sockets series SHARK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

024-9 Datasheet(HTML) 1 Page - PCE Instruments.

  024-9 Datasheet HTML 1Page - PCE Instruments. 024-9 Datasheet HTML 2Page - PCE Instruments. 024-9 Datasheet HTML 3Page - PCE Instruments. 024-9 Datasheet HTML 4Page - PCE Instruments. 024-9 Datasheet HTML 5Page - PCE Instruments. 024-9 Datasheet HTML 6Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.pcelectric.at
PC Electric GesmbH
Diesseits 145
4973 St. Martin im Innkreis
AUSTRIA
TEL +43 7751 61220
FAX +43 7751 6969
office@pcelectric.at
100%
Industrial Plugs and Sockets
After installation, industrial plugs and sockets must be robust, reliable and
have a long lifespan. Every part and component of the SHARK product se-
ries is therefore designed with all of these characteristics even under the
harshest operating conditions.
Furthermore, they are designed to set new standards of ergono-
mics and handling.
SHARK is as robust, functional and ergonomic
as its natural counterpart.
The first concern of industrial plugs and sockets is that they must be safe
and reliable in function. The second one is speed and it is exactly for that
reason that all versions of the SHARK series have been developed and ma-
nufactured to stringent safety and quality standards.
Moreover, they are so cutting edge that they can be safely
mounted and applied at high speed.
SHARK tackles its tasks as fast and safely
as its natural counterpart.
Industrial plugs and sockets showed be extremely flexible to install and ap-
ply. The SHARK series has been designed and developed for user friendli-
ness and versatility.
Plus it was developed in a way which has eventually lead
to another benchmark product originating from PCE.
A genuine SHARK is as adaptable and flexible
as its natural counterpart.
Connection
future
to the


Similar Part No. - 024-9

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
024-900 HUAXINAN-024-900 Datasheet
489Kb / 1P
Can be welded directly onto PCB.
024-900 HUAXINAN-024-900 Datasheet
1Mb / 2P
Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high
More results

Similar Description - 024-9

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
HFCS50SG ADAM-TECH-HFCS50SG Datasheet
122Kb / 1P
.050 IDC CONNECTORS DUAL ROW SOCKETS & TRANSITION PLUGS
logo
Molex Electronics Ltd.
85720-1050 MOLEX-85720-1050 Datasheet
559Kb / 2P
RJ-45 Industrial Ethernet Plugs and Jacks
logo
ETRI
9601-36 ETRI-9601-36 Datasheet
82Kb / 1P
PLUGS AND CABLES
logo
Switchcraft, Inc.
RAPC752 SWITCH-RAPC752 Datasheet
352Kb / 1P
JACKS AND PLUGS
logo
Elektron Components Ltd...
PX0429 BULGIN-PX0429 Datasheet
65Kb / 1P
Plugs and Sockets (2 Pole Earth)
SA2403 BULGIN-SA2403 Datasheet
57Kb / 1P
Plugs and Sockets (3 & 4 pole)
logo
Molex Electronics Ltd.
84727-1002 MOLEX2-84727-1002 Datasheet
401Kb / 3P
Industrial USB Plugs and Receptacles
logo
List of Unclassifed Man...
6030 ETC2-6030 Datasheet
373Kb / 1P
PLUGS AND JACKS
65530WHI ETC2-65530WHI Datasheet
142Kb / 2P
Plugs and Adaptors
logo
Littelfuse
00681400 LITTELFUSE-00681400 Datasheet
149Kb / 1P
2-Pole Aluminum/Plastic Sockets and Plugs ??ISO 4165
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com