Electronic Components Datasheet Search
  English  ▼

X  

AM82731-006 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AM82731-006
Description  RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM82731-006 Datasheet(HTML) 3 Page - STMicroelectronics

  AM82731-006 Datasheet HTML 1Page - STMicroelectronics AM82731-006 Datasheet HTML 2Page - STMicroelectronics AM82731-006 Datasheet HTML 3Page - STMicroelectronics AM82731-006 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
C3
: 100 pF Chip Capacitor
L1
: No. 32 Wire, 0.062 Inch Long
L2
: Printed RF Choke
All dimensions are in inches.
Substrate material: .025 thick Al2O3 (Er
= 9.6)
C1
: 1500 pF RF Feedthru
C2
: 100
µF Electrolytic
TEST CIRCUIT
TYPICAL INPUT
IMPEDANCES
TYPICAL COLLECTOR
LOAD IMPEDANCES
PIN
= 1.5W
VCC
= 30V
Normalized to 50 ohms
ZIN
ZCL
L
M
H
H
M
L
ZIN
ZCL
FREQ.
ZIN(
Ω)ZCL(Ω)
L
= 2.7 GHz 9.0 + j 22.0 48.0 + j 11.5
• = 2.9 GHz 9.0 + j 23.0 43.0 + j 9.0
M
= 3.1 GHz 12.5 + j 25.0 30.0 + j 3.0
• = 3.3 GHz 20.0 + j 25.0 21.5 + j 0.0
H
= 3.5 GHz 22.0 + j 22.5 16.0 − j 3.0
IMPEDANCE DATA
AM82731-006
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com