Electronic Components Datasheet Search
  English  ▼

X  

INA301 Datasheet(PDF) 22 Page - Texas Instruments

Part # INA301
Description  INA301 36-V, High-Speed, Zero-Drift, Voltage-Output, Current-Shunt Monitor with High-Speed, Overcurrent Comparator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA301 Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA301 Datasheet HTML 18Page - Texas Instruments INA301 Datasheet HTML 19Page - Texas Instruments INA301 Datasheet HTML 20Page - Texas Instruments INA301 Datasheet HTML 21Page - Texas Instruments INA301 Datasheet HTML 22Page - Texas Instruments INA301 Datasheet HTML 23Page - Texas Instruments INA301 Datasheet HTML 24Page - Texas Instruments INA301 Datasheet HTML 25Page - Texas Instruments INA301 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Time (5 ms/div)
Positive Limit
Negtive Limit
0V
22
INA301
SBOS713A – SEPTEMBER 2015 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: INA301
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Application (continued)
8.2.2 Detailed Design Procedure
With the input pins of a second device reversed across the same current-sensing resistor, the second device is
now able to detect current flowing in the other direction relative to the first device; see Figure 42. The outputs of
each device connect to an AND gate to detect if either of the limit threshold levels are exceeded. As shown in
Table 6, the output of the AND gate is high if neither overcurrent limit thresholds are exceeded. A low output
state of the AND gate indicates that either the positive overcurrent limit or the negative overcurrent limit are
surpassed.
Table 6. Bidirectional Overcurrent Output Status
OCP STATUS
OUTPUT
OCP+
0
OCP–
0
No OCP
1
8.2.3 Application Curve
Figure 43 shows two INA301 devices being used in a bidirectional configuration and an output control circuit to
detect if one of the two alerts is exceeded.
Figure 43. Bidirectional Application Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com