Electronic Components Datasheet Search
  English  ▼

X  

INA827 Datasheet(PDF) 13 Page - Texas Instruments

Part # INA827
Description  INA827 Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier With a Minimum Gain of 5
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA827 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA827 Datasheet HTML 9Page - Texas Instruments INA827 Datasheet HTML 10Page - Texas Instruments INA827 Datasheet HTML 11Page - Texas Instruments INA827 Datasheet HTML 12Page - Texas Instruments INA827 Datasheet HTML 13Page - Texas Instruments INA827 Datasheet HTML 14Page - Texas Instruments INA827 Datasheet HTML 15Page - Texas Instruments INA827 Datasheet HTML 16Page - Texas Instruments INA827 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
0
5
10
15
20
25
30
35
1k
10k
100k
1M
Frequency (Hz)
Vs = ±15V
Vs = ±2.5V
G043
0
2
4
6
8
10
12
14
16
18
20
2
4
6
8
10
12
14
16
18
20
Step Size (V)
Settle to 0.01%
Settle to 0.001%
G044
14
14.1
14.2
14.3
14.4
14.5
14.6
14.7
14.8
14.9
15
0
1
2
3
4
5
6
7
8
9
10
Output Current (mA)
−45°C
25°C
85°C
125°C
G039
−15
−14.9
−14.8
−14.7
−14.6
−14.5
−14.4
−14.3
−14.2
−14.1
−14
0
1
2
3
4
5
6
7
8
9
10
Output Current (mA)
−45°C
25°C
85°C
125°C
G040
13
INA827
www.ti.com
SBOS631B – JUNE 2012 – REVISED NOVEMBER 2017
Product Folder Links: INA827
Submit Documentation Feedback
Copyright © 2012–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = +25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 5 (unless otherwise noted)
VS = +3 V
Figure 37. Offset Voltage vs
Negative Common-Mode Voltage
VS = +3 V
Figure 38. Offset Voltage vs
Positive Common-Mode Voltage
VS = ±15 V
Figure 39. Positive Output Voltage Swing vs
Output Current
VS = ±15 V
Figure 40. Negative Output Voltage Swing vs
Output Current
Figure 41. Large-Signal Frequency Response
VS = ±15 V
Figure 42. Settling Time vs Step Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com