Electronic Components Datasheet Search
  English  ▼

X  

ISO7342FC Datasheet(PDF) 2 Page - Texas Instruments

Part # ISO7342FC
Description  ISO734x Robust EMC, Low-Power, Quad-Channel Digital Isolators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7342FC Datasheet(HTML) 2 Page - Texas Instruments

  ISO7342FC Datasheet HTML 1Page - Texas Instruments ISO7342FC Datasheet HTML 2Page - Texas Instruments ISO7342FC Datasheet HTML 3Page - Texas Instruments ISO7342FC Datasheet HTML 4Page - Texas Instruments ISO7342FC Datasheet HTML 5Page - Texas Instruments ISO7342FC Datasheet HTML 6Page - Texas Instruments ISO7342FC Datasheet HTML 7Page - Texas Instruments ISO7342FC Datasheet HTML 8Page - Texas Instruments ISO7342FC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
2
ISO7340C, ISO7340FC, ISO7341C, ISO7341FC, ISO7342C, ISO7342FC
SLLSEI6G – SEPTEMBER 2014 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: ISO7340C ISO7340FC ISO7341C ISO7341FC ISO7342C ISO7342FC
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Description (continued)......................................... 5
6
Pin Configuration and Functions ......................... 6
7
Specifications......................................................... 7
7.1
Absolute Maximum Ratings ...................................... 7
7.2
ESD Ratings.............................................................. 7
7.3
Recommended Operating Conditions ....................... 7
7.4
Thermal Information .................................................. 8
7.5
Power Ratings........................................................... 8
7.6
Insulation Specifications............................................ 9
7.7
Safety-Related Certifications................................... 10
7.8
Safety Limiting Values ............................................ 10
7.9
Electrical Characteristics—5-V Supply ................... 11
7.10
Supply Current Characteristics—5-V Supply ........ 11
7.11
Electrical Characteristics—3.3-V Supply .............. 12
7.12
Supply Current Characteristics—3.3-V Supply ..... 12
7.13
Switching Characteristics—5-V Supply................. 13
7.14
Switching Characteristics—3.3-V Supply.............. 13
7.15
Insulation Characteristics Curves ......................... 14
7.16
Typical Characteristics .......................................... 15
8
Parameter Measurement Information ................ 17
9
Detailed Description ............................................ 19
9.1
Overview ................................................................. 19
9.2
Functional Block Diagram ....................................... 19
9.3
Feature Description................................................. 20
9.4
Device Functional Modes........................................ 21
10
Application and Implementation........................ 22
10.1
Application Information.......................................... 22
10.2
Typical Application ................................................ 22
11
Power Supply Recommendations ..................... 26
12
Layout................................................................... 27
12.1
Layout Guidelines ................................................. 27
12.2
Layout Example .................................................... 27
13
Device and Documentation Support ................. 28
13.1
Documentation Support ........................................ 28
13.2
Related Links ........................................................ 28
13.3
Receiving Notification of Documentation Updates 28
13.4
Community Resource............................................ 28
13.5
Trademarks ........................................................... 28
13.6
Electrostatic Discharge Caution ............................ 28
13.7
Glossary ................................................................ 28
14
Mechanical, Packaging, and Orderable
Information ........................................................... 29
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision F (August 2016) to Revision G
Page
•
Deleted Reinforced from the data sheet title .......................................................................................................................... 1
•
the production tested note for the UL VRMS value from the Safety-Related Certifications ................................................... 10
Changes from Revision E (April 2015) to Revision F
Page
•
Changed the minimum air gap (clearance) parameter (L(I01)) to the external clearance parameter.................................... 9
•
Changed the minimum external tracking (creepage) parameter (L(I02)) to the external creepage parameter...................... 9
•
Changed the typ value for the enable propagation delay, high impedance-to-high output parameter of the FC
devices and the typ value for the enable propagation delay, high impedance-to-low output parameter of the C
devices from 16 to 16000 in the Switching Characteristics—3.3-V Supply table ................................................................ 13
•
Added the Receiving Notification of Documentation Updates section ................................................................................ 28
Changes from Revision D (March 2015) to Revision E
Page
•
Deleted "(VDE V0884-10):2006-12" and "(VDE 0411-1:2011-07)" from the Features Safety and Regulatory Approvals:.... 1
•
Deleted "(Approval Pending)" From the CSA Component Acceptance list item in the Features........................................... 1
•
Deleted IEC from the section title: Insulation and Safety-Related Specifications for DW-16 Package ................................ 9
•
Changed the TEST Conditions of CTI in Insulation and Safety-Related Specifications for DW-16 Package........................ 9
•
Changed the Test Conditions of VISO in Insulation Characteristics ....................................................................................... 9
•
Changed column CSA in the Safety-Related Certifications table ....................................................................................... 10
•
Changed From: VCC1 To: VCCI in Switching Characteristics Test Circuit and Voltage Waveforms ..................................... 17
•
Changed From: VCC1 To: VCCI and From: VCC2 To: VCCO in Common-Mode Transient Immunity Test Circuit..................... 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com