Electronic Components Datasheet Search
  English  ▼

X  

INA128 Datasheet(PDF) 16 Page - Texas Instruments

Part # INA128
Description  Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA128 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA128 Datasheet HTML 12Page - Texas Instruments INA128 Datasheet HTML 13Page - Texas Instruments INA128 Datasheet HTML 14Page - Texas Instruments INA128 Datasheet HTML 15Page - Texas Instruments INA128 Datasheet HTML 16Page - Texas Instruments INA128 Datasheet HTML 17Page - Texas Instruments INA128 Datasheet HTML 18Page - Texas Instruments INA128 Datasheet HTML 19Page - Texas Instruments INA128 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
INA326, INA327
16
SBOS222D
www.ti.com
FIGURE 16. Programmable
±5mA Current Source.
FIGURE 17.
±27V Output at 200mA Amplifier with 100µV Offset.
INA326
4
5
7
2
1
8
3
6
I
O = ±5mA with
0.1
µA stability.
+2.5V
−2.5V
I
O
0.1
µF
V
REF = +2.5V
R
I = 200kΩ
10k
Ω
49.9
Ω
DAC
R
L
I
OUT = 2
V
REF − VDAC
200k
Ω
1 +
10k
Ω
49.9
Ω
INA326
4
4
5
7
7
2
1
8
3
2
3
6
6
+5V
−30V
+30V
I
B
10nF
2k
Ω
1M
Ω
R
I = 1kΩ
20k
Ω
V
I
20k
Ω
R
F = 100kΩ
OPA551
Internal charge pump in the INA326 allows
this node to swing 20mV below ground
without a negative supply.
Offset of the high- voltage op amp
is controlled by the INA326.
V
O = –27V
V
OS = –100µV at 200mA
G =
−
=
−100V/V
R
F
R
I
NOTES: (1) The OPA551 is a 60V op amp. (2) The INA326 does not require a
negative supply to correct for negative VOS values from the high-voltage op amp.
(3) Voltage offset contribution of IB (OPA551) is 100pA • 2kΩ = 0.2µV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com