Electronic Components Datasheet Search
  English  ▼

X  

ISO7342CDW Datasheet(PDF) 25 Page - Texas Instruments

Part # ISO7342CDW
Description  ISO734x Robust EMC, Low-Power, Quad-Channel Digital Isolators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7342CDW Datasheet(HTML) 25 Page - Texas Instruments

Back Button ISO7342CDW Datasheet HTML 21Page - Texas Instruments ISO7342CDW Datasheet HTML 22Page - Texas Instruments ISO7342CDW Datasheet HTML 23Page - Texas Instruments ISO7342CDW Datasheet HTML 24Page - Texas Instruments ISO7342CDW Datasheet HTML 25Page - Texas Instruments ISO7342CDW Datasheet HTML 26Page - Texas Instruments ISO7342CDW Datasheet HTML 27Page - Texas Instruments ISO7342CDW Datasheet HTML 28Page - Texas Instruments ISO7342CDW Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
VCC1
VCC2
GND1
GND2
OUTA
16
14
13
2, 8
9, 15
4
XOUT
XIN
5
6
2
MSP430
G2132
(14-PW)
INA
OUTD
1
3
4
5
6
ISO7341
DVss
DVCC
0.1 F
0.1 F
0.1 F
EN1
EN2
7
10
INB
12
11
OUTB
OUTC
IND
0.1 F
INC
SDI
P1.4
SCLK
SDO
9
6
7
8
4.7 k
4.7 k
28
VBD
AGND
CH0
1, 22
CS
26
23
24
25
SCLK
SDI
20
SDO
ADS7953
CH15
5
BDGND
27
32
VA
31
REFP
2
MXO
3
AINP
REFM
30
VIN
GND
VOUT
2
6
4
REF5025
1 F
10 F
VS
0.1 F
MBR0520L
MBR0520L
1:1.33
0.1 F
3
1
D2
SN6501
D1
VCC
4, 5
2
GND
3.3 V
IN
EN
GND
OUT
4
1
2
3
TLV70733
10 F
3.3VISO
10 F
22 F
16 Analog
Inputs
ISO-BARRIER
25
ISO7340C, ISO7340FC, ISO7341C, ISO7341FC, ISO7342C, ISO7342FC
www.ti.com
SLLSEI6G – SEPTEMBER 2014 – REVISED JANUARY 2017
Product Folder Links: ISO7340C ISO7340FC ISO7341C ISO7341FC ISO7342C ISO7342FC
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Typical Application (continued)
10.2.2 Typical Application for Module With 16 Inputs
The ISO7341x device and several other components from Texas Instruments can be used to create an isolated
serial peripheral interface (SPI) for input module with 16 inputs.
Figure 26. Isolated SPI for an Analog Input Module With 16 Inputs
10.2.2.1 Design Requirements
Refer to Isolated Data Acquisition System for Process Control for the design requirements.
10.2.2.2 Detailed Design Procedure
Refer to Isolated Data Acquisition System for Process Control for the detailed design procedures.
10.2.2.3 Application Curves
Refer to Isolated Data Acquisition System for Process Control for the application curves.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com