Electronic Components Datasheet Search
  English  ▼

X  

TOP242P Datasheet(PDF) 27 Page - Power Integrations, Inc.

Part # TOP242P
Description  TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242P Datasheet(HTML) 27 Page - Power Integrations, Inc.

Back Button TOP242P Datasheet HTML 23Page - Power Integrations, Inc. TOP242P Datasheet HTML 24Page - Power Integrations, Inc. TOP242P Datasheet HTML 25Page - Power Integrations, Inc. TOP242P Datasheet HTML 26Page - Power Integrations, Inc. TOP242P Datasheet HTML 27Page - Power Integrations, Inc. TOP242P Datasheet HTML 28Page - Power Integrations, Inc. TOP242P Datasheet HTML 29Page - Power Integrations, Inc. TOP242P Datasheet HTML 30Page - Power Integrations, Inc. TOP242P Datasheet HTML 31Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
TOP242-250
27
M
12/04
Function
TOPSwitch-II TOPSwitch-GX
Figures
TOPSwitch-GX
Advantages
Switching Frequency
Option (Y, R and F
Packages)
N/A*
66 kHz ±7%
14,15
• Lower losses when using RC and
RCD snubber for noise reduction
in video applications
• Allows for higher efficiency in
standby mode
• Lower EMI (second harmonic
below 150 kHz)
Frequency Jitter
N/A*
±4 kHz @ 132 kHz
±2 kHz @ 66 kHz
9,46
• Reduces conducted EMI
Frequency Reduction N/A*
At a duty cycle below
10%
7
• Zero load regulation without
dummy load
• Low power consumption at
no-load
Remote ON/OFF
N/A*
Single transistor or
optocoupler interface
or manual switch
11,22,23,
24,25,26,
27,29,36,
37,38,39,
40
• Fast ON/OFF (cycle-by-cycle)
• Active-on or active-off control
• Low consumption in remote off
state
• Active-on control for fail-safe
• Eliminates expensive in-line
on/off switch
• Allows processor controlled turn
on/off
• Permits shutdown/wake-up of
peripherals via LAN or parallel
port
Synchronization
N/A*
Single transistor or
optocoupler interface
• Synchronization to external lower
frequency signal
• Starts new switching cycle on
demand
Thermal Shutdown
125 °C min.
Latched
Hysteretic 130 °C
min. shutdown (with
75 °C hysteresis)
• Automatic recovery from thermal
fault
• Large hysteresis prevents circuit
board overheating
Current Limit
Tolerance
±10% (@ 25 °C)
-8% (0 °C to
100 °C)
±7% (@ 25 °C)
-4% Typical
(0 °C to 100 °C)**
• 10% Higher power capability due
to tighter tolerance
DRAIN
Creepage
at Package
DIP
0.037” / 0.94 mm
0.137” / 3.48 mm
• Greater immunity to arcing as a
result of build-up of dust, debris
and other contaminants
SMD
0.037” / 0.94 mm
0.137” / 3.48 mm
TO-220 0.046” / 1.17 mm
0.068” / 1.73 mm
DRAIN Creepage at
PCB for Y, R and F
Packages
0.045” / 1.14 mm
(R and F Package
N/A*)
0.113” / 2.87 mm
(performed leads)
• Performed leads accommodate
large creepage for PCB layout
• Easier to meet Safety (UL/VDE)
Table 4 (cont). Comparison Between TOPSwitch-II and TOPSwitch-GX.
*Not available **Current limit set to internal maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com