Electronic Components Datasheet Search
  English  ▼

X  

ES1C Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # ES1C
Description  CURRENT 1.0 Ampere VOLTAGE 50 to 400 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

ES1C Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  ES1C Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. ES1C Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. ES1C Datasheet HTML 3Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FIG.1-FORWARD CURRENT DERATING CURVE
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
FIG.5-TYPICAL JUNCTION CAPACITANCE
FIG.6-TYPICAL TRANSIENT THERMAL IMPEDANCE
LEAD TEMPERATURE (℃)
80
150
140
130
120
110
100
90
RESISTIVE OR INDUCTIVE LOAD
0.2X0.2"(5.0X5.0mm) COPPER
PAD AREAS
0
0.8
0.6
0.4
0.2
1.2
1
10
50
0.1
0.01
1
1.2
0.4
0.6
1.4
1.0
0.8
1.8
1.6
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
TJ=25℃
PULSE WIDTH=300
mS
1% DUTY CYCLE
REVERSE VOLTAGE.VOLTS
1
0.1
100
10
0
2
4
6
8
10
12
14
TJ=25℃
f=1.0MHz
Vsig=50mVp-P
T, PULSE DURATION ,sec.
0.1
100
10
1
10
1
100
MOUNTED ON
0.2X0.2"(5X7mm)
COPPER PAD AREAS
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
0
100
80
60
40
20
1000
10
1
0.1
0.01
100
TJ=25℃
TJ=75℃
TJ=125℃
NUMBER OF CYCLES AT 60Hz
1
100
10
0
10
15
20
25
30
5
8.3ms SINGLE HALF SINE WAVE
(JEDEC Method) at
TL=120℃
RATINGS AND CHARACTERISTIC CURVES ES1A THRU ES1J



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com