Electronic Components Datasheet Search
  English  ▼

X  

CD4052BCM Datasheet(PDF) 1 Page - ON Semiconductor

Part # CD4052BCM
Description  Single 8-Channel Analog Multiplexer/Demultiplexer • Dual 4-Channel Analog Multiplexer/Demultiplexer • Triple 2-Channel Analog Multiplexer/Demultiplexer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CD4052BCM Datasheet(HTML) 1 Page - ON Semiconductor

  CD4052BCM Datasheet HTML 1Page - ON Semiconductor CD4052BCM Datasheet HTML 2Page - ON Semiconductor CD4052BCM Datasheet HTML 3Page - ON Semiconductor CD4052BCM Datasheet HTML 4Page - ON Semiconductor CD4052BCM Datasheet HTML 5Page - ON Semiconductor CD4052BCM Datasheet HTML 6Page - ON Semiconductor CD4052BCM Datasheet HTML 7Page - ON Semiconductor CD4052BCM Datasheet HTML 8Page - ON Semiconductor CD4052BCM Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© 2002 Fairchild Semiconductor Corporation
DS005662
www.fairchildsemi.com
November 1983
Revised April 2002
CD4051BC • CD4052BC • CD4053BC
Single 8-Channel Analog Multiplexer/Demultiplexer •
Dual 4-Channel Analog Multiplexer/Demultiplexer •
Triple 2-Channel Analog Multiplexer/Demultiplexer
General Description
The CD4051BC, CD4052BC, and CD4053BC analog mul-
tiplexers/demultiplexers are digitally controlled analog
switches having low “ON” impedance and very low “OFF”
leakage currents. Control of analog signals up to 15Vp-p
can be achieved by digital signal amplitudes of 3
−15V. For
example, if VDD = 5V, VSS = 0V and VEE = −5V, analog sig-
nals from
−5V to +5V can be controlled by digital inputs of
0
−5V. The multiplexer circuits dissipate extremely low qui-
escent power over the full VDD−VSS and VDD−VEE supply
voltage ranges, independent of the logic state of the control
signals. When a logical “1” is present at the inhibit input ter-
minal all channels are “OFF”.
CD4051BC is a single 8-channel multiplexer having three
binary control inputs. A, B, and C, and an inhibit input. The
three binary signals select 1 of 8 channels to be turned
“ON” and connect the input to the output.
CD4052BC is a differential 4-channel multiplexer having
two binary control inputs, A and B, and an inhibit input. The
two binary input signals select 1 or 4 pairs of channels to
be turned on and connect the differential analog inputs to
the differential outputs.
CD4053BC is a triple 2-channel multiplexer having three
separate digital control inputs, A, B, and C, and an inhibit
input. Each control input selects one of a pair of channels
which are connected in a single-pole double-throw configu-
ration.
Features
s Wide range of digital and analog signal levels:
digital 3 – 15V, analog to 15Vp-p
s Low “ON” resistance: 80
Ω (typ.) over entire 15V
p-p
signal-input range for VDD − VEE = 15V
s High “OFF” resistance:
channel leakage of
±10 pA (typ.) at V
DD − VEE = 10V
s Logic level conversion for digital addressing signals of
3 – 15V (VDD − VSS = 3 – 15V) to switch analog signals
to 15 Vp-p (VDD − VEE = 15V)
s Matched switch characteristics:
∆R
ON = 5Ω (typ.) for VDD − VEE = 15V
s Very low quiescent power dissipation under all
digital-control input and supply conditions:
1
µ W (typ.) at V
DD − VSS = VDD − VEE = 10V
s Binary address decoding on chip
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Order Number
Package Number
Package Description
CD4051BCM
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
CD4051BCSJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
CD4051BCMTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
CD4051BCN
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
CD4052BCM
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
CD4052BCSJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
CD4052BCN
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
CD4053BCM
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
CD4053BCSJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
CD4053BCN
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Similar Part No. - CD4052BCM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4052BCM NSC-CD4052BCM Datasheet
189Kb / 10P
Single 8-Channel, Dual 4-Channel, Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
Fairchild Semiconductor
CD4052BCM FAIRCHILD-CD4052BCM Datasheet
142Kb / 13P
Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
CD4052BCM FAIRCHILD-CD4052BCM Datasheet
144Kb / 13P
Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4052BCM FAIRCHILD-CD4052BCM Datasheet
145Kb / 13P
Single 8-Channel Analog Multiplexer/Demultiplexer
CD4052BCM FAIRCHILD-CD4052BCM Datasheet
145Kb / 13P
Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
More results

Similar Description - CD4052BCM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Fairchild Semiconductor
CD4051BC FAIRCHILD-CD4051BC Datasheet
142Kb / 13P
Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
Triple 2-channel Analog Multiplexer / Demultiplexer
logo
Fairchild Semiconductor
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
TC74VHC4051AF TOSHIBA-TC74VHC4051AF_12 Datasheet
263Kb / 13P
8-Channel Analog Multiplexer/Demultiplexer or Dual 4-Channel Analog Multiplexer/Demultiplexer or Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Fairchild Semiconductor
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com