Electronic Components Datasheet Search
  English  ▼

X  

AM82731-050 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AM82731-050
Description  RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM82731-050 Datasheet(HTML) 3 Page - STMicroelectronics

  AM82731-050 Datasheet HTML 1Page - STMicroelectronics AM82731-050 Datasheet HTML 2Page - STMicroelectronics AM82731-050 Datasheet HTML 3Page - STMicroelectronics AM82731-050 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TYPICAL INPUT
IMPEDANCE
TYPICAL COLLECTOR
LOAD IMPEDANCE
PIN
= 12.5 W
VCC
= 40 V
Z0
= 50 ohms
ZIN
ZCL
L
H
L
H
IMPEDANCE DATA
FREQ.
ZIN (
Ω)ZCL (Ω)
L
= 2.7 GHz
7.4 + j 5.4
7.1
− j 8.6
M
= 2.9 GHz
7.8 + j 3.0
5.4
− j 7.4
H
= 3.1 GHz
8.0 + j 2.0
4.6
− j 2.6
ZIN
ZCL
TEST CIRCUIT
AM82731-050
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com