Electronic Components Datasheet Search
  English  ▼

X  

FP802 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # FP802
Description  CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

FP802 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  FP802 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. FP802 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FP801 THRU FP807
Features
Mechanical Data
· Fast switching
· Low leakage
· Low forward voltage drop
· High current capability
· High current surge
· High reliability
Maximum Ratings And Electrical Characteristics
· Case : JEDEC ITO-220A molded plastic body
· Terminals : Lead solderable per
MIL-STD-750, method 2026
· Polarity : As marked
· Mounting Position : Any
· Weight : 0.08 ounce, 2.24 gram
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
Notes:
(1) Test conditions: IF=0.5A, IR=1.0A, Irr=0.25A.
(2) Measured at 1MHz and applied reverse voltage of 4.0 Volts.
(3) Thermal resistance from junction to case, single side cooled.
CURRENT 8.0 Amperes
VOLTAGE 50 to 1000 Volts
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Volts
Peak forward surge current 8.3ms single
half sine-wave superimposed on rated load
(JEDEC method)
VDC
Maximum average forward rectified current
at TC=55℃
Maximum instantaneous forward voltage
at 8.0A
VRRM
Volts
Symbols
Units
1.3
5.0
VF
VRMS
8.0
Amps
Amps
IFSM
TJ
TSTG
-55 to +150
℃
℃/W
Volts
Maximum DC reverse current
at rated DC blocking voltage
Maximum reverse recovery time (Note 1)
TC=25℃
TC=125℃
Typical junction capacitance (Note 2) TJ=25℃
Typical thermal resistance (Note 3)
Operating junction and storage
temperature range
50
FP
801
35
50
10
100
250
Volts
μA
ns
pF
I(AV)
IR
Trr
60
CJ
100
FP
802
70
100
200
FP
803
140
200
400
FP
804
280
400
600
FP
805
420
600
800
FP
806
560
800
1000
FP
807
700
1000
500
150
150
RθJC
Dimensions in inches and (millimeters)
ITO-220A
5.08
0.7 0.2
1.3 0.2
10 0.5
3.2
2.7
4.5 0.2
0.5
2.4
++
PIN 1
PIN 1
PIN 2
PIN 2
CASE
CASE
CasePositive
Case Negative
Suffix"R"
++
++


Similar Part No. - FP802

ManufacturerPart #DatasheetDescription
logo
Power-One
FP80 POWER-ONE-FP80 Datasheet
123Kb / 5P
Filter & Ring Core Chokes
logo
List of Unclassifed Man...
FP80 ETC2-FP80 Datasheet
265Kb / 2P
fan filter assemblies - PMFA T Series
logo
FSP TECHNOLOGY INC.
FP800 FSP-FP800 Datasheet
60Kb / 1P
Auto restart while AC is recovering
logo
List of Unclassifed Man...
FP80L ETC2-FP80L Datasheet
265Kb / 2P
fan filter assemblies - PMFA T Series
More results

Similar Description - FP802

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
8A05 DAESAN-8A05 Datasheet
138Kb / 1P
CURRENT 8.0 Amperes VOLTAGE 50 TO 100 VOLTS
HEP801 DAESAN-HEP801 Datasheet
256Kb / 2P
CURRENT 8.0 AMPERES VOLTAGE 50 TO 600 VOLTS
SFP81 DAESAN-SFP81 Datasheet
283Kb / 2P
CURRENT 8.0 AMPERES VOLTAGE 50 TO 600 VOLTS
HER801 DAESAN-HER801 Datasheet
304Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 600 Volts
FR801 DAESAN-FR801 Datasheet
316Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC8005 DAESAN-KBPC8005 Datasheet
178Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
KBU8A DAESAN-KBU8A Datasheet
181Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
SF81 DAESAN-SF81 Datasheet
324Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 600 Volts
logo
WILLAS ELECTRONIC CORP
BR805 WILLAS-BR805 Datasheet
267Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
RS801 WILLAS-RS801 Datasheet
996Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com