Electronic Components Datasheet Search
  English  ▼

X  

88307 Datasheet(PDF) 2 Page - Omega Engineering, Inc.

Part # 88307
Description  Unique Surface Probes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

88307 Datasheet(HTML) 2 Page - Omega Engineering, Inc.

  88307 Datasheet HTML 1Page - Omega Engineering, Inc. 88307 Datasheet HTML 2Page - Omega Engineering, Inc. 88307 Datasheet HTML 3Page - Omega Engineering, Inc. 88307 Datasheet HTML 4Page - Omega Engineering, Inc. 88307 Datasheet HTML 5Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Model No. 88103(*)
A narrow head, allowing the probe
to fit through narrow openings.
480°C (900°F) max surface
temperature.
Replaceable Element supplied free,
for additional elements order
Model No. 88103(*)-RE
Model No. 88101(*)
For measuring
stationary surface
temperatures,
with a right-angle
head for
hard-to-reach
inside surfaces.
480°C (900°F) max
surface temperature.
Replaceable Element
supplied free, for
additional elements order
Model No. 88101(*)-RE
Model No. 88003(*)
For surface
measurements of
materials such as
stone, iron and
steel. The element
is protected by
metal side guards.
480°C (900°F) max
surface temperature.
Replaceable Element
supplied free, for
additional elements order
Model No. 88003(*)-RE
Model No. 88001(*)
Standard probe for
stationary surface
measurements.
Suited to molds, plates,
walls, glassware, etc.
480°C (900°F) max
surface temperature.
Replaceable Element supplied
free, for additional elements order
Model No. 88001(*)-RE
Model No. 88002(*)
Ideal for measuring the
surface temperature
of plates, walls, molds,
dies and other stationary
surfaces. The thermocouple
is protected by two PFA
guards. 250°C (480°F)
max surface temperature.
Probe is not designed
for long-term exposure
to high temperatures.
Replaceable Element supplied free,
for additional elements order
Model No. 88002(*)-RE
* Specify calibration: K - Type K Thermocouple
E - Type E Thermocouple
Ordering Example: 88007K probe with Type K
Thermocouple
.
K: CHROMEGATM-ALOMEGATM
E: CHROMEGATM-Constantan
Visit us online for dimensions.
2
All models supplied
with a molded SMP or
SMPW subminiature
male connector and
TAS adaptor.
TAS adaptor
All models
shown smaller
than actual size.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com