Electronic Components Datasheet Search
  English  ▼

X  

FP1602 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # FP1602
Description  CURRENT 16.0 Amperes VOLTAGE 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

FP1602 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  FP1602 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. FP1602 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FP1601 THRU FP1607
Features
Mechanical Data
· Fast switching
· Low leakage
· Low forward voltage drop
· High current capability
· High current surge
· High reliability
Maximum Ratings And Electrical Characteristics
· Case : JEDEC ITO-220 molded plastic body
· Terminals : Lead solderable per
MIL-STD-750, method 2026
· Polarity : As marked
· Mounting Position : Any
· Weight : 0.08 ounce, 2.24 gram
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
Notes:
(1) Test conditions: IF=0.5A, IR=1.0A, Irr=0.25A.
(3) Thermal resistance from junction to case mounted on heatsink.
CURRENT 16.0 Amperes
VOLTAGE 50 to 1000 Volts
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Volts
Peak forward surge current 8.3ms single
half sine-wave superimposed on rated load
(JEDEC method)
VDC
Maximum average forward rectified current
See Fig. 1
Maximum instantaneous forward voltage
at 8.0A
VRRM
Volts
Symbols
Units
1.3
5.0
VF
VRMS
16.0
Amps
Amps
IFSM
TJ
TSTG
-55 to +150
℃
℃/W
Volts
Maximum DC reverse current
at rated DC blocking voltage
Maximum reverse recovery time (Note 1)
TC=25℃
TC=125℃
Typical thermal resistance (Note 2)
Operating junction and storage
temperature range
50
FP
1601
35
50
10
100
250
Volts
μA
ns
I(AV)
IR
Trr
100
FP
1602
70
100
200
FP
1603
140
200
400
FP
1604
280
400
600
FP
1605
420
600
800
FP
1606
560
800
1000
FP
1607
700
1000
500
150
150
RθJC
Dimensions in inches and (millimeters)
ITO-220
2.54
+
PIN 1
PIN 1
PIN 3
PIN 3
PIN 2
PIN 2
CASE
CASE
Positive CT
Suffix "C"
Negative CT
Suffix "A"
0.2
0.7 0.2
2.54 0.2
1.3 0.2
10 0.5
3.2
0.2
0.1
2.7 0.2
4.5 0.2
0.5 0.2
2.4 0.2


Similar Part No. - FP1602

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
FP16-150 TRIAD-FP16-150 Datasheet
44Kb / 1P
FP16-150
FP16-1500 TRIAD-FP16-1500 Datasheet
53Kb / 1P
Power Transformer PC Mount: Flat Pack
FP16-150 TRIAD-FP16-150_13 Datasheet
97Kb / 1P
Power Transformer PC Mount: Flat Pack
FP16-3000 TRIAD-FP16-3000 Datasheet
53Kb / 1P
Power Transformer PC Mount: Flat Pack
FP16-375 TRIAD-FP16-375 Datasheet
42Kb / 1P
FP16-375
More results

Similar Description - FP1602

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
HEP1601 DAESAN-HEP1601 Datasheet
267Kb / 2P
CURRENT 16.0 AMPERES VOLTAGE 50 TO 600 VOLTS
SFP161 DAESAN-SFP161 Datasheet
280Kb / 2P
CURRENT 16.0 AMPERES VOLTAGE 50 TO 600 VOLTS
UFP1610 DAESAN-UFP1610 Datasheet
285Kb / 2P
CURRENT 16.0 AMPERES VOLTAGE 50 TO 600 VOLTS
UFR1610 DAESAN-UFR1610 Datasheet
279Kb / 2P
CURRENT 16.0 AMPERES VOLTAGE 50 TO 600 VOLTS
FR1601 DAESAN-FR1601 Datasheet
290Kb / 2P
CURRENT 16.0 Amperes VOLTAGE 50 to 1000 Volts
HER1601 DAESAN-HER1601 Datasheet
313Kb / 2P
CURRENT 16.0 Amperes VOLTAGE 50 to 600 Volts
KBJ6A DAESAN-KBJ6A Datasheet
231Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBL4005 DAESAN-KBL4005 Datasheet
178Kb / 2P
CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC10005 DAESAN-KBPC10005 Datasheet
239Kb / 2P
CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
SF161 DAESAN-SF161 Datasheet
348Kb / 2P
CURRENT 16.0 Amperes VOLTAGE 50 to 600 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com