Electronic Components Datasheet Search
  English  ▼

X  

AM83135-001 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AM83135-001
Description  RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM83135-001 Datasheet(HTML) 2 Page - STMicroelectronics

  AM83135-001 Datasheet HTML 1Page - STMicroelectronics AM83135-001 Datasheet HTML 2Page - STMicroelectronics AM83135-001 Datasheet HTML 3Page - STMicroelectronics AM83135-001 Datasheet HTML 4Page - STMicroelectronics AM83135-001 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL SPECIFICATIONS (Tcase = 25°C)
Symb ol
T est Co ndi ti ons
Val ue
Un it
Min.
Typ .
Max.
POUT
f
= 3.1 — 3.5GHz
PIN
= 0.3W
VCC
= 30V
1.0
1.4
—
W
ηc
f
= 3.1 — 3.5GHz
PIN
= 0.3W
VCC
= 30V
27
35
—
%
GP
f
= 3.1 — 3.5GHz
PIN
= 0.3W
VCC
= 30V
5.2
6.7
—
dB
Note:
P uls e Wi dth
= 100 µS
D uty Cycl e
= 10%
STATIC
Symb ol
Test Con ditio ns
Value
Uni t
Min.
T yp.
Max.
BVCBO
IC
= 1mA
IE
= 0mA
45
—
—
V
BVEBO
IE
= 1mA
IC
= 0mA
3.5
—
—
V
BVCER
IC
= 1mA
RBE
= 10Ω
45
—
—
V
ICES
VBE
= 0V
VCE
= 30V
——
1
mA
hFE
VCE
= 5V
IC
= 100mA
10
———
DYNAMIC
AM83135-001
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com