Electronic Components Datasheet Search
  English  ▼

X  

FP1607 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # FP1607
Description  CURRENT 16.0 Amperes VOLTAGE 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

FP1607 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  FP1607 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. FP1607 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES FP1601 THRU FP1607
trr
1cm
50
NONINDUCTIVE
10
NONINDUCTIVE
DUT
OSCILLOSCOPE
(NOTE 1 )
(+ )
50Vdc
(approx)
(-)
NOTES: 1 . RISE TIME = 7nsmax. INPUT
IMPEDANCE= 1 MEGOHM 22pf
2 . RISETIME = 10ns max.SOURSE
IMPEDANCE = 50ohmsf
+0.5A
-1.0A
SET TIME BASE FOR
5/ 10ns / cm
NONINDUCTIVE
PULSE
GENERATOR
( NOTE 2 )
-0.25A
0
FIG . -REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
1
FIG . 2- MAXIMUM FORWARD CURRENT DERATING CURVE
FIG . 6 -TYPICAL INSTANTANEOUS
FORWARD CARACTERISTICS
0
50
100
150
O
LEAD TEMPERATURE. ( C )
INSTANTANEOUS FORWARD VOLTAGE .( A)
1
2
5
10
20
50
1 00
0.1
0.5 1.0
5 10
50 100
500 1000
120
100
80
60
40
20
.8
.9
1.0
1.1 1.2
1.3
1.4
1.5
80
40
20
4
2
1.0
.4
.2
.1
PERCENT OF RATED PEAK REVERSE
VOLTAGE. (% )
REVERSE VOLTAGE . ( V)
FIG .5 - TYPICAL JUNCTION CAPACITANCE PER LEG
NUMBER OF CYCLES AT 60Hz
FIG .4 - MAXIMUM NON - REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine
Wave JEDEC Method
Pulse Width=300 s
1% Duty Cycle
O
Tj=25 C
O
Tj=125 C
O
Tj=25 C
O
Tj=25 C
f = 1.0MHz
Vsig = 50mVp-p
10
0
20
40
60
80
100 120 140
1000
100
10
1.0
0.1
FIG . 3 -TYPICAL REVERSE CHARACTERISTICS
20.0
16.0
12.0
8.0
4.0
0
300
250
200
150
100
50



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com