Electronic Components Datasheet Search
  English  ▼

X  

PEX4M2E1 Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # PEX4M2E1
Description  x4 PCI Express to M.2 PCIe SSD Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEX4M2E1 Datasheet(HTML) 3 Page - StarTech.com Ltd.

  PEX4M2E1 Datasheet HTML 1Page - StarTech.com Ltd. PEX4M2E1 Datasheet HTML 2Page - StarTech.com Ltd. PEX4M2E1 Datasheet HTML 3Page - StarTech.com Ltd. PEX4M2E1 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Specifications
Warranty
2 Years
Bus Type
PCI Express
Compatible Drive Types (Type and Rate) M.2 (NGFF; M-Key; PCIe x4)
Drive Installation
Fixed
Drive Size
22m - M.2 NGFF
Interface
PCI Express
Number of Drives
1
Supported Drive Height(s)
2242
Supported Drive Height(s)
2260
Supported Drive Height(s)
2280
Supported Drive Height(s)
22110
Hot Swap Capability
No
Drive Connectors
1 - M.2 (NGFF; M-Key; PCIe x4)
Host Connectors
1 - PCI Express x4 Male
OS Compatibility
OS independent; No software or drivers required
LED Indicators
1 - Pin header on board for drive LED connection
Humidity
15% ~ 90% RH
Operating Temperature
5°C to 50°C (41°F to 122°F)
Storage Temperature
-25°C to 70°C (-13°F to 158°F)
Color
Red
Max Drive Height
4.3 in [110 mm]
Product Height
7.2 in [184 mm]
Product Length
7 in [179 mm]
Product Weight
1.6 oz [46 g]
Product Width
4.8 in [121 mm]
Shipping (Package) Weight
5.3 oz [150 g]
Included in Package
1 - x4 PCI Express® to M.2 PCIe SSD Adapter
Included in Package
1 - low-profile bracket
Included in Package
1 - full-profile bracket (pre-installed)
Included in Package
1 - SSD standoff and installation screw
Included in Package
1 - quick start guide
www.startech.com
1 800 265 1844



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com