Electronic Components Datasheet Search
  English  ▼

X  

DHT11 Datasheet(PDF) 9 Page - OSEPP

Part # DHT11
Description  DHT11 Humidity & Temperature Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSEPP [OSEPP]
Direct Link  https://osepp.com/
Logo OSEPP - OSEPP

DHT11 Datasheet(HTML) 9 Page - OSEPP

  DHT11 Datasheet HTML 1Page - OSEPP DHT11 Datasheet HTML 2Page - OSEPP DHT11 Datasheet HTML 3Page - OSEPP DHT11 Datasheet HTML 4Page - OSEPP DHT11 Datasheet HTML 5Page - OSEPP DHT11 Datasheet HTML 6Page - OSEPP DHT11 Datasheet HTML 7Page - OSEPP DHT11 Datasheet HTML 8Page - OSEPP DHT11 Datasheet HTML 9Page - OSEPP  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Page | 9
this sec on to accelerate its recovery. Please be aware that opera ng the DHT11 sensor in the
non-normal working condi ons will accelerate sensor’s aging process.
(2) Attention to chemical materials
Vapor from chemical materials may interfere with DHT’s sensi ve-elements and debase its
sensi vity. A high degree of chemical contamina on can permanently damage the sensor.
(3) Restoration process when (1) & (2) happen
Step one: Keep the DHT sensor at the condi on of Temperature 50~60Celsius, humidity <10%RH
for 2 hours;
Step two:K keep the DHT sensor at the condi on of Temperature 20~30Celsius, humidity
>70%RH for 5 hours.
(4) Temperature
ect
Rela ve humidity largely depends on temperature. Although temperature compensa on
technology is used to ensure accurate measurement of RH, it is s strongly advised to keep the
humidity and temperature sensors working under the same temperature. DHT11 should be
mounted at the place as far as possible from parts that may generate heat.
(5) Ligh t
ect
Long me exposure to strong sunlight and ultraviolet may debase DHT’s performance.
(6) Connection wires
The quality of connec on wires will affect the quality and distance of communica on and high
quality shielding-wire is recommended.
(7) Other attentions
* Welding temperature should be bellow 260Celsius and contact should take less than 10
seconds.
* Avoid using the sensor under dew condi on.
* Do not use this product in safety or emergency stop devices or any other occasion that failure
of DHT11 may cause personal injury.
* Storage: Keep the sensor at temperature 10-40
℃, humidity <60%RH.
Disclaimer
This is a translated version of the manufacturer's data sheet. OSEPP is not responsible for the
accuracy of the translated information.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com