Electronic Components Datasheet Search
  English  ▼

X  

ISO7831FDWWR Datasheet(PDF) 30 Page - Texas Instruments

Part # ISO7831FDWWR
Description  ISO7831x High-Performance, 8000-VPK Reinforced Triple Digital Isolators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7831FDWWR Datasheet(HTML) 30 Page - Texas Instruments

Back Button ISO7831FDWWR Datasheet HTML 26Page - Texas Instruments ISO7831FDWWR Datasheet HTML 27Page - Texas Instruments ISO7831FDWWR Datasheet HTML 28Page - Texas Instruments ISO7831FDWWR Datasheet HTML 29Page - Texas Instruments ISO7831FDWWR Datasheet HTML 30Page - Texas Instruments ISO7831FDWWR Datasheet HTML 31Page - Texas Instruments ISO7831FDWWR Datasheet HTML 32Page - Texas Instruments ISO7831FDWWR Datasheet HTML 33Page - Texas Instruments ISO7831FDWWR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
www.ti.com
PACKAGE OUTLINE
C
0 -8
17.4
17.1
14X 1.27
16X
0.51
0.31
(2.286)
2.65 MAX
2X
8.89
0.3
0.1
TYP
0.28
0.22
(1.625)
A
NOTE 3
10.4
10.2
B
NOTE 4
14.1
13.9
0.25
GAGE PLANE
1.1
0.6
SOIC - 2.65 mm max height
DWW0016A
PLASTIC SMALL OUTLINE
4221501/A 11/2014
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0,15 mm per side.
4. This dimension does not include interlead flash.
PIN 1 ID AREA
1
8
0.25
A B
C
9
16
0.1 C
SEATING PLANE
SEE DETAIL A
TYPICAL
DETAIL A
SCALE 1.000
30
ISO7831, ISO7831F
SLLSEP8B – JULY 2015 – REVISED JUNE 2016
www.ti.com
Product Folder Links: ISO7831 ISO7831F
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com