Electronic Components Datasheet Search
  English  ▼

X  

ISO7631FCDWR Datasheet(PDF) 22 Page - Texas Instruments

Part # ISO7631FCDWR
Description  ISO76x1 Low-Power Triple and Quad-Channels Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7631FCDWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button ISO7631FCDWR Datasheet HTML 18Page - Texas Instruments ISO7631FCDWR Datasheet HTML 19Page - Texas Instruments ISO7631FCDWR Datasheet HTML 20Page - Texas Instruments ISO7631FCDWR Datasheet HTML 21Page - Texas Instruments ISO7631FCDWR Datasheet HTML 22Page - Texas Instruments ISO7631FCDWR Datasheet HTML 23Page - Texas Instruments ISO7631FCDWR Datasheet HTML 24Page - Texas Instruments ISO7631FCDWR Datasheet HTML 25Page - Texas Instruments ISO7631FCDWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Ambient Temperature - (qC)
0
50
100
150
200
0
100
200
300
400
500
600
700
D001
D001
VCC1 = VCC2 = 2.7 V
VCC1 = VCC2 = 3.6 V
VCC1 = VCC2 = 5.5 V
22
ISO7631FM, ISO7631FC, ISO7641FC
SLLSEC3F – SEPTEMBER 2012 – REVISED APRIL 2016
www.ti.com
Product Folder Links: ISO7631FM ISO7631FC ISO7641FC
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
9.3.1.1 Safety Limiting Values
Safety limiting intends to prevent potential damage to the isolation barrier upon failure of input or output circuitry.
A failure of the IO can allow low resistance to ground or the supply and, without current limiting, dissipate
sufficient power to overheat the die and damage the isolation barrier potentially leading to secondary system
failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IS
Safety input, output, or supply
current
DW-16
θJA = 77.5 °C/W, VI = 5.5V, TJ = 150°C, TA = 25°C
293
mA
θJA = 77.5 °C/W, VI = 3.6V, TJ = 150°C, TA = 25°C
448
θJA = 77.5 °C/W, VI = 2.7V, TJ = 150°C, TA = 25°C
597
TS
Maximum safety temperature
150
°C
The safety-limiting constraint is the absolute maximum junction temperature specified in the absolute maximum
ratings table. The power dissipation and junction-to-air thermal impedance of the device installed in the
application hardware determines the junction temperature. The assumed junction-to-air thermal resistance in the
Thermal Information table is that of a device installed on a High-K Test Board for Leaded Surface Mount
Packages. The power is the recommended maximum input voltage times the current. The junction temperature is
then the ambient temperature plus the power times the junction-to-air thermal resistance.
Figure 22. Thermal Derating Curve for Safety Limiting Current per VDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com