Electronic Components Datasheet Search
  English  ▼

X  

ISO7820FDWR Datasheet(PDF) 8 Page - Texas Instruments

Part # ISO7820FDWR
Description  ISO7820x High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7820FDWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO7820FDWR Datasheet HTML 4Page - Texas Instruments ISO7820FDWR Datasheet HTML 5Page - Texas Instruments ISO7820FDWR Datasheet HTML 6Page - Texas Instruments ISO7820FDWR Datasheet HTML 7Page - Texas Instruments ISO7820FDWR Datasheet HTML 8Page - Texas Instruments ISO7820FDWR Datasheet HTML 9Page - Texas Instruments ISO7820FDWR Datasheet HTML 10Page - Texas Instruments ISO7820FDWR Datasheet HTML 11Page - Texas Instruments ISO7820FDWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
8
ISO7820, ISO7820F
SLLSEP0A – JULY 2015 – REVISED MARCH 2016
www.ti.com
Product Folder Links: ISO7820 ISO7820F
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
6.8 Electrical Characteristics, 2.5 V
VCC1 = VCC2 = 2.5 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –1 mA; see Figure 7
VCC2 – 0.4
VCC2 – 0.2
V
VOL
Low-level output voltage
IOL = 1 mA; see Figure 7
0.2
0.4
V
VI(HYS)
Input threshold voltage hysteresis
0.1 x VCC2
V
IIH
High-level input current
VIH = VCC1 at INx
10
μA
IIL
Low-level input current
VIL = 0 V at INx
-10
CMTI
Common-mode transient
immunity
VI = VCC1 or 0 V; see Figure 10
100
kV/
μs
ICC1
Supply current, Disable
(ISO7820DWW and
ISO7820FDWW only)
EN2 = 0V, VI = 0 V (ISO7820FDWW) , VI = VCC1(ISO7820DWW)
0.8
1.3
mA
ICC2
0.2
0.4
ICC1
Supply current, Disable
(ISO7820DWW and
ISO7820FDWW only)
EN2 = 0V, VI = VCC1 (ISO7820FDWW) , VI = 0 V(ISO7820DWW)
3.2
4.6
mA
ICC2
0.2
0.4
ICC1
Supply current, DC Signal
VI = 0 V (ISO7820F) , VI = VCC1(ISO7820)
0.9
1.3
mA
ICC2
1.2
1.8
ICC1
Supply current, DC Signal
VI = VCC1 (ISO7820F) , VI = 0 V (ISO7820)
3.2
4.6
mA
ICC2
1.3
2
ICC1
Supply current
1 Mbps
AC Signal: All channels
switching with square wave
clock input;
CL = 15 pF
2.1
3
mA
ICC2
1.3
2
ICC1
Supply current
10 Mbps
2.1
3
mA
ICC2
1.8
2.7
ICC1
Supply current
100 Mbps
2.4
3.2
mA
ICC2
7
9.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com