Electronic Components Datasheet Search
  English  ▼

X  

LF347 Datasheet(PDF) 3 Page - Texas Instruments

Part # LF347
Description  LF347, LF347B JFET-Input Quad Operational Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LF347 Datasheet(HTML) 3 Page - Texas Instruments

  LF347 Datasheet HTML 1Page - Texas Instruments LF347 Datasheet HTML 2Page - Texas Instruments LF347 Datasheet HTML 3Page - Texas Instruments LF347 Datasheet HTML 4Page - Texas Instruments LF347 Datasheet HTML 5Page - Texas Instruments LF347 Datasheet HTML 6Page - Texas Instruments LF347 Datasheet HTML 7Page - Texas Instruments LF347 Datasheet HTML 8Page - Texas Instruments LF347 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
1
1OUT
14
4OUT
2
1IN–
13
4IN–
3
1IN+
12
4IN+
4
V
CC+
 
11
V
CC–
 
5
2IN+
10
3IN+
6
2IN–
9
3IN–
7
2OUT
8
3OUT
3
LF347, LF347B
www.ti.com
SLOS013C – MARCH 1987 – REVISED MARCH 2016
Product Folder Links: LF347 LF347B
Submit Documentation Feedback
Copyright © 1987–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
D or N Package
14-Pin SOIC or PDIP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
1OUT
O
Output pin of amplifier 1
2
1IN–
I
Inverting input pin of amplifier 1
3
1IN+
I
Noninverting input pin of amplifier 1
4
VCC+
—
Positive Supply
5
2IN+
I
Noninverting input pin of amplifier 2
6
2IN–
I
Inverting input pin of amplifier 2
7
2OUT
O
Output pin of amplifier 2
8
3OUT
O
Output pin of amplifier 3
9
3IN–
I
Inverting input pin of amplifier 3
10
3IN+
I
Noninverting input pin of amplifier 3
11
VCC–
—
Negative Supply
12
4IN+
I
Noninverting input pin of amplifier 4
13
4IN–
I
Inverting input pin of amplifier 4
14
4OUT
O
Output pin of amplifier 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com