Electronic Components Datasheet Search
  English  ▼

X  

LM2640 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM2640
Description  LM2640 Dual Adjustable Step-Down Switching Power Supply Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2640 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2640 Datasheet HTML 17Page - Texas Instruments LM2640 Datasheet HTML 18Page - Texas Instruments LM2640 Datasheet HTML 19Page - Texas Instruments LM2640 Datasheet HTML 20Page - Texas Instruments LM2640 Datasheet HTML 21Page - Texas Instruments LM2640 Datasheet HTML 22Page - Texas Instruments LM2640 Datasheet HTML 23Page - Texas Instruments LM2640 Datasheet HTML 24Page - Texas Instruments LM2640 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
LM2640
www.ti.com
SNVS019B – DECEMBER 1998 – REVISED APRIL 2013
Optimizing Stability
The best tool for measuring both bandwidth and phase margin is a network analyzer. If this is not available, a
simple method which gives a good measure of loop stability is to apply a minimum to maximum step of output
load current and observe the resulting output voltage transient. A design which has good phase margin (>50°)
will typically show no ringing after the output voltage transient returns to its nominal value.
It should be noted that the stability (phase margin) does not have to be optimal for the regulator to be stable. The
design analyzed in the previous section was re-compensated by changing R11 and C10 to intentionally reduce
the phase margin to about 35° and re-tested for step response. The output waveform displayed slight ringing
after the initial return to nominal, but was completely stable otherwise.
In most cases, the compensation components shown in the Typical Application Circuits will give good
performance. To assist in optimizing phase margin, the following guidelines show the effects of changing various
components.
COUT: Increasing the capacitance of COUT moves the frequency of the pole fp(COUT) to a lower value and reduces
loop bandwidth. Increasing COUT can be beneficial (increasing the phase margin) if the loop bandwidth is too
wide (>FOSC/5) which places the high-frequency poles too close to the unity-gain crossover frequency.
ESR of COUT: The ESR forms a zero fz(ESR), which is needed to cancel negative phase shift near the unity-gain
frequency. High-ESR capacitors can not be used, since the zero will be too low in frequency which will make the
loop bandwidth too wide.
R11/C10: These form a pole and a zero. Changing the value of C10 changes the frequency of both the pole and
zero. Note that since this causes the frequency of both the pole and zero to move up or down together, adjusting
the value of C10 does not significantly affect loop bandwidth.
Changing the value of R11 moves the frequency location of the zero fz(R11), but does not significantly shift the
C10 pole (since the value of R11 is much less than the 160 k
Ω output impedance of the Gm amplifier). Since
only the zero is moved, this affects both bandwidth and phase margin. This means adjusting R11 is an easy way
to maximize the positive phase shift provided by the zero. Best results are typically obtained if fz(R11) is in the
frequency range of fc/4 to fc (where fc is the unity-gain crossover frequency).
Design Procedure
This section presents guidelines for selecting external components.
INDUCTOR SELECTION
In selecting an inductor, the parameters which are most important are inductance, current rating, and DC
resistance.
Inductance
It is important to understand that all inductors are not created equal, as the method of specifying inductance
varies widely.
It must also be noted that the inductance of every inductor decreases with current. The core material, size, and
construction type all contribute the the inductor's dependence on current loading. Some inductors exhibit
inductance curves which are relatively flat, while others may vary more than 2:1 from minimum to maximum
current. In the latter case, the manufacturer's specified inductance value is usually the maximum value, which
means the actual inductance in your application will be much less.
An inductor with a flatter inductance curve is preferable, since the loop characteristics of any switching converter
are affected somewhat by inductance value. An inductor which has a more constant inductance value will give
more consistent loop bandwidth when the load current is varied.
The data sheet for the inductor must be reviewed carefully to verify that the selected component will have the
desired inductance at the frequency and current for the application.
Current Rating
This specification may be the most confusing of all when picking an inductor, as manufacturers use different
methods for specifying an inductor's current rating.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM2640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com