| Electronic Components Datasheet Search |
|
ISO7631FC Datasheet(PDF) 32 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO7631FC Datasheet(HTML) 32 Page - Texas Instruments |
|
32 / 37 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) ISO7631FCDW Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-3-260C-168 HR -40 to 125 ISO7631FC ISO7631FCDW.A Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-3-260C-168 HR -40 to 125 ISO7631FC ISO7631FCDW.B Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-3-260C-168 HR -40 to 125 ISO7631FC ISO7631FCDWR Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 ISO7631FC ISO7631FCDWR.A Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 ISO7631FC ISO7631FCDWR.B Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 ISO7631FC ISO7631FMDW Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-3-260C-168 HR -40 to 125 ISO7631FM ISO7631FMDW.A Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-3-260C-168 HR -40 to 125 ISO7631FM ISO7631FMDW.B Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-3-260C-168 HR -40 to 125 ISO7631FM ISO7631FMDWR Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 ISO7631FM ISO7631FMDWR.A Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 ISO7631FM ISO7631FMDWR.B Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 ISO7631FM ISO7641FCDW Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-3-260C-168 HR -40 to 125 ISO7641FC ISO7641FCDW.A Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-3-260C-168 HR -40 to 125 ISO7641FC ISO7641FCDW.B Active Production SOIC (DW) | 16 40 | TUBE Yes NIPDAU Level-3-260C-168 HR -40 to 125 ISO7641FC ISO7641FCDWR Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 ISO7641FC ISO7641FCDWR.A Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 ISO7641FC ISO7641FCDWR.B Active Production SOIC (DW) | 16 2000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 ISO7641FC (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. (3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition. (4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum column width. Addendum-Page 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |