Electronic Components Datasheet Search
  English  ▼

X  

LM2682 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2682
Description  LM2682 Switched Capacitor Voltage Doubling Inverter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2682 Datasheet(HTML) 2 Page - Texas Instruments

  LM2682 Datasheet HTML 1Page - Texas Instruments LM2682 Datasheet HTML 2Page - Texas Instruments LM2682 Datasheet HTML 3Page - Texas Instruments LM2682 Datasheet HTML 4Page - Texas Instruments LM2682 Datasheet HTML 5Page - Texas Instruments LM2682 Datasheet HTML 6Page - Texas Instruments LM2682 Datasheet HTML 7Page - Texas Instruments LM2682 Datasheet HTML 8Page - Texas Instruments LM2682 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LM2682
SNVS044B – NOVEMBER 1999 – REVISED MAY 2013
www.ti.com
Absolute Maximum Ratings
(1)
Input Voltage (VIN)
+5.8V
VIN dV/dT
1V/
μsec
VOUT
−11.6V
VOUT Short-Circuit Duration
Continuous
Storage Temperature
−65°C to +150°C
Lead Temperature Soldering
+300°C
VSSOP
300 mW
Power Dissipation(2)
SOIC
470 mW
TJMAX
+150°C
(1)
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics.
(2)
The maximum power dissipation must be de-rated at elevated temperatures (only needed for TA>85°C) and is limited by TJMAX
(maximum junction temperature),
θJ-A (junction to ambient thermal resistance) and TA (ambient temperature). θJ-A is 140°C/W for the
SOIC-8 package and 220°C/W for the VSSOP-8 package. The maximum power dissipation at any temperature is:PDissMAX = (TJMAX −
TA)/θJ-A up to the value listed in the Absolute Maximum Ratings.
Operating Ratings
Human Body Model
2 kV
ESD Susceptibility(1)
Machine Model
200V
Ambient Temp. Range
−40°C to +85°C
Junction Temp. Range
−40°C to +125°C
(1)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200pF
capacitor discharged directly into each pin.
LM2682
Electrical Characteristics
VIN = 5V and C1 = C2 = C3 = 3.3μF unless otherwise specified. Limits with bold typeface apply over the full operating ambient
temperature range,
−40°C to +85°C, limits with standard typeface apply for TA = 25°C.
Symbol
Parameter
Conditions
Min
Typical(1)
Max
Units
VIN
Supply Voltage Range
RL = 2 kΩ
2.0
5.5
V
IIN
Supply Current
Open Circuit, No Load
150
300
μA
400
ROUT
VOUT Source Resistance
IL = 10 mA
90
150
Ω
200
IL=5 mA, VIN=2 V
110
250
Ω
fOSC
Oscillator Frequency
See(2)
12
30
kHz
fSW
Switching Frequency
See(2)
6
15
kHz
ηPOWER
Power Efficiency
RL = 2k
(3)
90
93
%
ηVOLTAGE
Voltage Conversion Efficiency
99.9
%
(1)
Typical numbers are at 25°C and represent the most likely norm.
(2)
The output switches operate at one half of the oscillator frequency, fOSC = 2fSW.
(3)
The minimum specification is specified by design and is not tested.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2682



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com