Electronic Components Datasheet Search
  English  ▼

X  

LM2771 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2771
Description  LM2771 Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2771 Datasheet(HTML) 2 Page - Texas Instruments

  LM2771 Datasheet HTML 1Page - Texas Instruments LM2771 Datasheet HTML 2Page - Texas Instruments LM2771 Datasheet HTML 3Page - Texas Instruments LM2771 Datasheet HTML 4Page - Texas Instruments LM2771 Datasheet HTML 5Page - Texas Instruments LM2771 Datasheet HTML 6Page - Texas Instruments LM2771 Datasheet HTML 7Page - Texas Instruments LM2771 Datasheet HTML 8Page - Texas Instruments LM2771 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1
2
3
4
5
10
9
8
7
6
Die-Attach
Pad: GND
1
2
3
4
5
10
9
8
7
6
Die-Attach
Pad: GND
VIN
GND
VOUT
NC
NC
Top View
Bottom View
EN
GND
NC
C1+
C1-
EN
GND
NC
C1+
C1-
VIN
GND
VOUT
NC
NC
LM2771
SNVS435A – MARCH 2006 – REVISED MAY 2013
www.ti.com
Connection Diagram
Figure 3. 10-Pin Non-Pullback Leadless Frame Package (WSON-10)
Package Number DSC0010A
Pin Descriptions
Pin #
Name
Description
1
VIN
Input Voltage: Recommended VIN operating range 3.0V to 5.5V.
2
GND
Ground
3
VOUT
Output Voltage
4
NC
No Connect
5
NC
No Connect
6
C1-
Flying Capacitor 1: Negative Terminal
7
C1+
Flying Capacitor 1: Positive Terminal
8
NC
No Connect
9
GND
Ground
10
EN
Enable Pin Logic Input. Applying a logic HIGH voltage signal enables the part. A logic LOW
voltage signal places the the device in shutdown.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
VIN Pin Voltage
-0.3V to 6.0V
EN Pin Voltage
-0.3V to (VIN+0.3V) w/ 6.0V max
Continuous Power Dissipation(4)
Internally Limited
Junction Temperature (TJ-MAX)
150ºC
Storage Temperature Range
-65ºC to +150º C
Maximum Lead Temperature(5)
265ºC
Human Body Model
2.0kV
ESD Rating(6)
Machine Model
200V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified. Operating Ratings do not imply ensured performance limits. For specified performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
All voltages are with respect to the potential at the GND pins.
(4)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ=150ºC (typ.) and
disengages at TJ=140ºC (typ.).
(5)
For detailed information on soldering requirements and recommendations, please refer to Texas Instruments' Application Note 1187
(Literature Number SNOA401): Leadless Leadframe Package (LLP).
(6)
The Human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF
capacitor discharged directly into each pin. MIL-STD-883 3015.7
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM2771



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com