Electronic Components Datasheet Search
  English  ▼

X  

LM2832 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM2832
Description  LM2832 High Frequency 2.0A Load - Step-Down DC-DC Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2832 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2832 Datasheet HTML 17Page - Texas Instruments LM2832 Datasheet HTML 18Page - Texas Instruments LM2832 Datasheet HTML 19Page - Texas Instruments LM2832 Datasheet HTML 20Page - Texas Instruments LM2832 Datasheet HTML 21Page - Texas Instruments LM2832 Datasheet HTML 22Page - Texas Instruments LM2832 Datasheet HTML 23Page - Texas Instruments LM2832 Datasheet HTML 24Page - Texas Instruments LM2832 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
GND
FB
EN
VIN
SW
VIN = 5V
C1
R3
D1
L1
LM2832
R2
R1
C2
VO = 3.3V @ 2.0A
LM2832
www.ti.com
SNVS455A – AUGUST 2006 – REVISED APRIL 2013
LM2832Y Design Example 4
Figure 31. LM2832Y (550kHz): Vin = 5V, Vout = 3.3V @ 2.0A
Table 5. Bill of Materials
Part ID
Part Value
Manufacturer
Part Number
U1
1.5A Buck Regulator
TI
LM2832Y
C1, Input Cap
22µF, 6.3V, X5R
TDK
C3216X5ROJ226M
C2, Output Cap
2x22µF, 6.3V, X5R
TDK
C3216X5ROJ226M
D1, Catch Diode
0.3Vf Schottky 1.5A, 30VR
TOSHIBA
CRS08
L1
4.7µH 2.1A
TDK
SLF7045T-4R7M2R0-PF
R1
10.0k
Ω, 1%
Vishay
CRCW08051002F
R2
10.0k
Ω, 1%
Vishay
CRCW08051002F
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM2832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com