Electronic Components Datasheet Search
  English  ▼

X  

LM2852 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM2852
Description  LM2852 2A 500/1500 kHz Synchronous Buck Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2852 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2852 Datasheet HTML 8Page - Texas Instruments LM2852 Datasheet HTML 9Page - Texas Instruments LM2852 Datasheet HTML 10Page - Texas Instruments LM2852 Datasheet HTML 11Page - Texas Instruments LM2852 Datasheet HTML 12Page - Texas Instruments LM2852 Datasheet HTML 13Page - Texas Instruments LM2852 Datasheet HTML 14Page - Texas Instruments LM2852 Datasheet HTML 15Page - Texas Instruments LM2852 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
IRMS = ILOAD
D(1-D)
CSS
PVIN
AVIN
EN
SS
SGND
PGND
SNS
SW
LM2852
+
VOUT = 1.8V
ILOAD = 0A to 2A
LO
CIN
VIN = 3.3V
Cf
Rf
CINX
CO
U1
12
LM2852
SNVS325E – JANUARY 2005 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: LM2852
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers must
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM2852 is a DC-DC synchronous buck regulator capable of driving a maximum load current of 2A, with an
input range of 2.85 V to 5.5 V and a variable output range of 0.8 V to 3.3 V. Figure 13 is a schematic example of
a typical application.
8.2 Typical Application
Figure 13. LM2852 Example Circuit Schematic
8.2.1 Design Requirements
A typical application requires only four components: an input capacitor, a soft-start capacitor, an output filter
capacitor and an output filter inductor. To properly size the components for the application, the designer needs
the following parameters: input voltage range, output voltage, output current range, and required switching
frequency. These four main parameters affect the choices of component available to achieve a proper system
behavior.
8.2.2 Detailed Design Procedure
8.2.2.1 Input Capacitor (CIN)
Fast switching of large currents in the buck converter places a heavy demand on the voltage source supplying
PVIN. The input capacitor, CIN, supplies extra charge when the switcher needs to draw a burst of current from
the supply. The RMS current rating and the voltage rating of the CIN capacitor are therefore important in the
selection of CIN. The RMS current specification can be approximated by Equation 1:
where
•
D is the duty cycle, VOUT/VIN. CIN also provides filtering of the supply.
(1)
Trace resistance and inductance degrade the benefits of the input capacitor, so CIN must be placed very close to
PVIN in the layout. A 22-µF or 47-µF ceramic capacitor is typically sufficient for CIN. In parallel with the large
input capacitance a smaller capacitor may be added such as a 1-µF ceramic for higher frequency filtering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com